Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA830
Description  Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 8Page - Texas Instruments OPA830 Datasheet HTML 9Page - Texas Instruments OPA830 Datasheet HTML 10Page - Texas Instruments OPA830 Datasheet HTML 11Page - Texas Instruments OPA830 Datasheet HTML 12Page - Texas Instruments OPA830 Datasheet HTML 13Page - Texas Instruments OPA830 Datasheet HTML 14Page - Texas Instruments OPA830 Datasheet HTML 15Page - Texas Instruments OPA830 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
TYPICAL CHARACTERISTICS: VS = +5V
Frequency(MHz)
1
10
100
300
3
0
-
3
-
6
-
9
-
12
-
15
V =0.2V
O
PP
R =500
L
W
G= 1V/V
-
G=+2V/V
Frequency(MHz)
1
10
100
300
3
0
-
3
-
6
-
9
-
12
-
15
V =0.5V
O
PP
V =1V
O
PP
V =2V
O
PP
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
Time(10ns/div)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
G=+2V/V
R =150
L
W
Large-SignalPulseResponse±1V
RightScale
Small-SignalPulse
Response±0.1V
LeftScale
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
Time(10ns/div)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
Small-SignalPulse
Response±0.1V
LeftScale
G= 1V/V
-
R =150
L
W
Large-SignalPulseResponse±1V
RightScale
1.2
1.0
0.8
0.6
0.4
0.2
0
Numberof150
Loads
W
1
2
3
4
dG
dP
1/3
OPA3832
V
I
Video
Loads
+5V
400W
400W
-
50
-
55
-
60
-
65
-
70
-
75
-
80
-
85
-
90
-
95
Frequency(MHz)
1
10
100
InputReferred
OPA3832
SBOS370A – DECEMBER 2006 – REVISED AUGUST 2008 ............................................................................................................................................ www.ti.com
At TA = +25°C, Differential Gain = +2V/V, and RL = 150Ω to VCM = 2V, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 15.
Figure 16.
NONINVERTING PULSE RESPONSE
INVERTING PULSE RESPONSE
Figure 17.
Figure 18.
COMPOSITE VIDEO dG/dP
DISABLE FEEDTHROUGH vs FREQUENCY
Figure 19.
12
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA3832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com