Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA830
Description  Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 9Page - Texas Instruments OPA830 Datasheet HTML 10Page - Texas Instruments OPA830 Datasheet HTML 11Page - Texas Instruments OPA830 Datasheet HTML 12Page - Texas Instruments OPA830 Datasheet HTML 13Page - Texas Instruments OPA830 Datasheet HTML 14Page - Texas Instruments OPA830 Datasheet HTML 15Page - Texas Instruments OPA830 Datasheet HTML 16Page - Texas Instruments OPA830 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
-
50
-
55
-
60
-
65
-
70
-
75
-
80
-
85
-
90
-
95
-
100
LoadResistance( )
W
100
1k
G=+2V/V
V =2V
O
PP
f=5MHz
2nd-Harmonic
3rd-Harmonic
-
30
-
40
-
50
-
60
-
70
-
80
-
90
(+)SupplyVoltage(V)
3
4
5
6
7
8
9
10
11
G=+2V/V
R
L =500W
f=5MHz
3rd-Harmonic
InputLimited
2nd-Harmonic
-
30
-
40
-
50
-
60
-
70
-
80
-
90
-
100
-
110
Frequency(MHz)
0.1
1
10
20
3rd-Harmonic
2nd-Harmonic
G=+2V/V
R =500
L
W
V =2V
O
PP
-
30
-
40
-
50
-
60
-
70
-
80
-
90
-
100
-
110
Frequency(MHz)
0.1
1
10
20
3rd-Harmonic
2nd-Harmonic
G= 1V/V
-
R
L =500W
f=5MHz
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
Single-ToneLoadPower(2dBm/div)
-24 -22 -20 -18 -16 -14 -12 -10
-8
-6
-4
-2
10MHz
5MHz
20MHz
1/3
OPA3832
P
I
P
O
50W
500W
400W
400W
-
40
-
50
-
60
-
70
-
80
-
90
-
100
OutputVoltageSwing(V )
PP
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
3rd-Harmonic
G=+2V/V
R
L =500W
f=5MHz
2nd-Harmonic
OPA3832
www.ti.com ............................................................................................................................................ SBOS370A – DECEMBER 2006 – REVISED AUGUST 2008
TYPICAL CHARACTERISTICS: VS = +5V (continued)
At TA = +25°C, Differential Gain = +2V/V, and RL = 150Ω to VCM = 2V, unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
5MHz HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 20.
Figure 21.
G = +2V/V, HARMONIC DISTORTION vs FREQUENCY
G = –1V/V, HARMONIC DISTORTION vs FREQUENCY
Figure 22.
Figure 23.
HARMONIC DISTORTION vs OUTPUT VOLTAGE
2-TONE, 3RD-ORDER INTERMODULATION SPURIOUS
Figure 24.
Figure 25.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): OPA3832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com