Electronic Components Datasheet Search
  English  ▼

X  

OPA656/7 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA656/7
Description  Precision, Low Power, 18MHz Transimpedance Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA656/7 Datasheet(HTML) 3 Page - Texas Instruments

  OPA656/7 Datasheet HTML 1Page - Texas Instruments OPA656/7 Datasheet HTML 2Page - Texas Instruments OPA656/7 Datasheet HTML 3Page - Texas Instruments OPA656/7 Datasheet HTML 4Page - Texas Instruments OPA656/7 Datasheet HTML 5Page - Texas Instruments OPA656/7 Datasheet HTML 6Page - Texas Instruments OPA656/7 Datasheet HTML 7Page - Texas Instruments OPA656/7 Datasheet HTML 8Page - Texas Instruments OPA656/7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
OPA381
OPA2381
SBOS313B − AUGUST 2004 − REVISED NOVEMBER 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V
Boldface limits apply over the temperature range, TA = −40°C to +125°C.
All specifications at TA = +25°C, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
OPA381
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = +5V, VCM = 0V
7
25
µV
Drift
dVOS/dT
0.03
0.1
µV/°C
vs Power Supply
PSRR
VS = +2.7V to +5.5V, VCM = 0V
3.5
20
µV/V
Over Temperature
VS = +2.7V to +5.5V, VCM = 0V
20
µV/V
Long-Term Stability(1)
See Note (1)
Channel Separation, dc
1
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
VCM = VS/2
3
±50
pA
Over Temperature
See Typical Characteristics
Input Offset Current
IOS
VCM = VS/2
6
±100
pA
NOISE
Input Voltage Noise, f = 0.1Hz to 10Hz
en
VS = +5V, VCM = 0V
3
µVPP
Input Voltage Noise Density, f = 10kHz
en
VS = +5V, VCM = 0V
70
nV/
√Hz
Input Voltage Noise Density, f > 1MHz
en
VS = +5V, VCM = 0V
10
nV/
√Hz
Input Current Noise Density, f = 10kHz
in
VS = +5V, VCM = 0V
20
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
V−
(V+) − 1.8V
V
Common-Mode Rejection Ratio
CMRR
VS = +5V, (V−) < VCM < (V+) − 1.8V
95
110
dB
INPUT IMPEDANCE
Differential Capacitance
1
pF
Common-Mode Resistance and Capacitance
1013|| 2.5
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
0.05V < VO < (V+) − 0.6V, VCM = VS/2, VS = 5V
110
135
dB
0V < VO < (V+) − 0.6V, VCM = 0V, RP = 10kΩ to −5V(2), VS = 5V
106
135
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
18
MHz
Slew Rate
SR
G = +1
12
V/
µs
Settling Time, 0.0015%(3)
VS = +5V, 4V Step, G = +1, OPA381
7
µs
Settling Time, 0.003%(3)
VS = +5V, 4V Step, G = +1, OPA2381
7
µs
Overload Recovery Time(4), (5)
VIN • G = > VS
200
ns
OUTPUT
Voltage Output Swing from Positive Rail
RL = 10kΩ
400
600
mV
Voltage Output Swing from Negative Rail
RL = 10kΩ
30
50
mV
Voltage Output Swing from Positive Rail
RP = 10kΩ to −5V(2)
400
600
mV
Voltage Output Swing from Negative Rail
RP = 10kΩ to −5V(2)
−20
0
mV
Output Current
IOUT
10
mA
Short-Circuit Current
ISC
20
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
Open-Loop Output Impedance
RO
F = 1MHz, IO = 0
250
Ω
POWER SUPPLY
Specified Voltage Range
VS
2.7
5.5
V
Quiescent Current (per amplifier)
IQ
IO = 0A
0.8
1
mA
Over Temperature
1.1
mA
TEMPERATURE RANGE
Specified and Operating Range
−40
+125
°C
Storage Range
−65
+150
°C
Thermal Resistance
qJA
MSOP-8
150
°C/W
DFN-8
65
°C/W
(1) High temperature operating life characterization of zero-drift op amps applying the techniques used in the OPA381 have repeatedly demonstrated randomly
distributed variation approximately equal to measurement repeatability of 1
µV. This consistency gives confidence in the stability and repeatability of these zero-
drift techniques.
(2) Tested with output connected only to RP, a pulldown resistor connected between VOUT and −5V, as shown in Figure 3. See also Applications section, Achieving
Output Swing to Negative Rail.
(3) Transimpedance frequency of 250kHz.
(4) Time required to return to linear operation.
(5) From positive rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com