Electronic Components Datasheet Search
  English  ▼

X  

OPA656/7 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA656/7
Description  Precision, Low Power, 18MHz Transimpedance Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA656/7 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA656/7 Datasheet HTML 3Page - Texas Instruments OPA656/7 Datasheet HTML 4Page - Texas Instruments OPA656/7 Datasheet HTML 5Page - Texas Instruments OPA656/7 Datasheet HTML 6Page - Texas Instruments OPA656/7 Datasheet HTML 7Page - Texas Instruments OPA656/7 Datasheet HTML 8Page - Texas Instruments OPA656/7 Datasheet HTML 9Page - Texas Instruments OPA656/7 Datasheet HTML 10Page - Texas Instruments OPA656/7 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
OPA381
OPA2381
SBOS313B − AUGUST 2004 − REVISED NOVEMBER 2004
www.ti.com
7
TYPICAL CHARACTERISTICS: VS = +2.7V to +5.5V (continued)
All specifications at TA = +25°C, and RL = 10kΩ connected to VS/2, unless otherwise noted.
SMALL−SIGNAL STEP RESPONSE
(with or without pull−down)
Time (100ns/div)
50k
Ω
10k
Ω
CF
VP
200kHz (C
F = 16pF)
1MHz
(C
F = 3pF)
V
P =0V or − 5V
OPA381
LARGE−SIGNAL STEP RESPONSE
(with pull−down)
Time (100ns/div)
50k
Ω
10k
Ω
3pF
−5V
OPA3 81
LARGE−SIGNAL STEP RESPONSE
(without pull−down)
Time (100ns/div)
50k
Ω
10k
Ω
CF
1MHz
(C
F =3pF)
200kHz
(C
F =16pF)
OPA381
OVERLOAD RECOVERY
Time (ns)
6
4
2
0
0.8
0
0
100
200
300
400
500
600
700
800
900 1000
V
OUT
20k
Ω
10k
Ω
IIN
VP
40pF
250
µA
I
IN
Nonlinear
Operation
Linear
Operation
OPA381
OPA2381
V
P =0V or − 5V
OPA381
1000
100
10
1
INPUT VOLTAGE NOISE SPECTRAL DENSITY
Frequency (Hz)
10
100
100k
1M
10k
1k
10M
CHANNEL SEPARATION vs INPUT FREQUENCY
Input Frequency (Hz)
160
140
120
100
80
60
40
20
0
−20
−40
10
100
1k
10k
100k
1M
10M
100M
OPA2381



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com