Electronic Components Datasheet Search
  English  ▼

X  

T2035H Datasheet(PDF) 1 Page - STMicroelectronics

Part # T2035H
Description  Snubberless??high temperature 20 A Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T2035H Datasheet(HTML) 1 Page - STMicroelectronics

  T2035H Datasheet HTML 1Page - STMicroelectronics T2035H Datasheet HTML 2Page - STMicroelectronics T2035H Datasheet HTML 3Page - STMicroelectronics T2035H Datasheet HTML 4Page - STMicroelectronics T2035H Datasheet HTML 5Page - STMicroelectronics T2035H Datasheet HTML 6Page - STMicroelectronics T2035H Datasheet HTML 7Page - STMicroelectronics T2035H Datasheet HTML 8Page - STMicroelectronics T2035H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
July 2006
Rev 1
1/10
10
T2035H Series
Snubberless™ high temperature 20 A Triacs
Main features
Description
Specifically designed to operate at 150° C, the
new 20 A T2035H Triacs provide an enhanced
performance in terms of power loss and thermal
dissipation. This facilitates the optimization of
heatsink dimensioning, leading to improved space
and cost effectiveness when compared to electro-
mechanical solutions.
Based on ST Snubberless™ technology, the
T2035H series offers high commutation switching
capabilities and high noise immunity levels on the
full range of Tj.
The T2035H series facilitates the optimization of
the control of universal motors and inductive
loads found in appliances such as vacuum
cleaners, and washing machines.
The T2035H Triacs are also suitable for use in
high temperature environment found in hot
appliances such as cookers, ovens, hobs, electric
heaters, and coffee machines.
Order code
TM: Snubberless is a trademark of STMicroelectronics
Symbol
Value
Unit
IT(RMS)
20
A
VDRM/VRRM
600
V
IGT (Q1)
35
mA
Tj MAX
150
°C
Part number
Marking
T2035H-600G
T2035H-600G
T2035H-600G-TR
T2035H-600G
T2035H-600TRG
T2035H-600T
A2
A2
A1
G
A2
A2
A1
G
TO-220AB
T2035H-T
D2PAK
T2035H-G
www.st.com


Similar Part No. - T2035H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2035H STMICROELECTRONICS-T2035H Datasheet
137Kb / 10P
High temperature 20 A Snubberless??TRIACs
15-Nov-2007
T2035H-6G STMICROELECTRONICS-T2035H-6G Datasheet
137Kb / 10P
High temperature 20 A Snubberless??TRIACs
15-Nov-2007
logo
Inchange Semiconductor ...
T2035H-6G ISC-T2035H-6G Datasheet
229Kb / 2P
isc Triacs
logo
STMicroelectronics
T2035H-6G-TR STMICROELECTRONICS-T2035H-6G-TR Datasheet
137Kb / 10P
High temperature 20 A Snubberless??TRIACs
15-Nov-2007
T2035H-6I STMICROELECTRONICS-T2035H-6I Datasheet
137Kb / 10P
High temperature 20 A Snubberless??TRIACs
15-Nov-2007
More results

Similar Description - T2035H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08AW STMICROELECTRONICS-BTA08AW Datasheet
184Kb / 4P
SNUBBERLESS TRIACS
Feb-1989
BTA08BW STMICROELECTRONICS-BTA08BW Datasheet
185Kb / 4P
SNUBBERLESS TRIACS
Feb-1989
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
Snubberless high temperature 25 A Triacs
20-Jun-2006
T1635H STMICROELECTRONICS-T1635H Datasheet
123Kb / 10P
Snubberless TM high temperature 16 A Triacs
31-Aug-2006
T2035H STMICROELECTRONICS-T2035H_07 Datasheet
137Kb / 10P
High temperature 20 A Snubberless??TRIACs
15-Nov-2007
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
High temperature 16 A Snubberless™Triacs
20-Sep-2011
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
Snubberless™high temperature 30 A Triacs
20-Sep-2011
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
Snubberless high temperature 30 A Triacs
20-Sep-2011
logo
Kersemi Electronic Co.,...
BTA20-700BW KERSEMI-BTA20-700BW Datasheet
1Mb / 5P
SNUBBERLESS TRIACS
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H_V01 Datasheet
136Kb / 10P
High temperature 12 A Snubberless™ Triacs
20-Sep-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com