Electronic Components Datasheet Search
  English  ▼

X  

T2035H Datasheet(PDF) 4 Page - STMicroelectronics

Part # T2035H
Description  Snubberless??high temperature 20 A Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T2035H Datasheet(HTML) 4 Page - STMicroelectronics

  T2035H Datasheet HTML 1Page - STMicroelectronics T2035H Datasheet HTML 2Page - STMicroelectronics T2035H Datasheet HTML 3Page - STMicroelectronics T2035H Datasheet HTML 4Page - STMicroelectronics T2035H Datasheet HTML 5Page - STMicroelectronics T2035H Datasheet HTML 6Page - STMicroelectronics T2035H Datasheet HTML 7Page - STMicroelectronics T2035H Datasheet HTML 8Page - STMicroelectronics T2035H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
T2035H Series
4/10
Figure 3.
RMS on-state current vs ambient
temperature (epoxy printed
circuit board FR4 ecu = 35 µm)
Figure 4.
Relative variation of thermal
impedance vs pulse duration
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
25
50
75
100
125
150
IT(RMS)(A)
α=180°
S
CU=1cm²
Tamb(°C)
1.E-03
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
K=[Z
th/Rth]
Z
th(j-a)
Z
th(j-c)
tP(s)
Figure 5.
On-state characteristics
(maximum values)
Figure 6.
Surge peak on-state current vs
number of cycles
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ITM(A)
T
j=25°C
T
j=150°C
T
j max. :
V
T0 = 0.80 V
R
D = 21 mW
VTM(V)
0
20
40
60
80
100
120
140
160
180
200
220
1
10
100
1000
I
TSM(A)
Non repetitive
T
j initial=25°C
Repetitive
T
c=127°C
One cycle
t=20ms
Number of cycles
Figure 7.
Non repetitive surge peak on-state
current (sinusoidal pulse width
tp<10 ms) and value of I²t
Figure 8.
Relative variation of gate trigger
current, holding current and
latching current vs junction
temperature (typical values)
100
1000
10000
0.01
0.10
1.00
10.00
I
TSM(A), I²t (A²s)
Tj initial=25°C
dI/dt limitation: 50A/µs
I
TSM
I²t
tP(ms)
0.0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20
40
60
80
100
120
140
160
I
GT,IH,IL [Tj]/IGT,IH,IL [Tj=25°C]
I
GT
I
H & IL
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com