Electronic Components Datasheet Search
  English  ▼

X  

T2035H Datasheet(PDF) 2 Page - STMicroelectronics

Part # T2035H
Description  Snubberless??high temperature 20 A Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T2035H Datasheet(HTML) 2 Page - STMicroelectronics

  T2035H Datasheet HTML 1Page - STMicroelectronics T2035H Datasheet HTML 2Page - STMicroelectronics T2035H Datasheet HTML 3Page - STMicroelectronics T2035H Datasheet HTML 4Page - STMicroelectronics T2035H Datasheet HTML 5Page - STMicroelectronics T2035H Datasheet HTML 6Page - STMicroelectronics T2035H Datasheet HTML 7Page - STMicroelectronics T2035H Datasheet HTML 8Page - STMicroelectronics T2035H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
T2035H Series
2/10
1
Characteristics
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
Tc = 127° C
20
A
ITSM
Non repetitive surge peak on-state current
(full cycle sine wave, Tj initial = 25° C)
F = 60 Hz
t = 16.7 ms
210
A
F = 50 Hz
t = 20 ms
200
I²t
I²t Value for fusing
tp = 10 ms
283
A2s
dI/dt
Critical rate of rise of on-state current
IG = 2xIGT, tr ≤100 ns
F = 120 Hz
Tj = 125° C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off state voltage
Tj = 25° C
700
V
IGM
Peak gate current
tp = 20 µs
Tj = 150° C
4
A
PG(AV)
Average gate power dissipation
Tj = 150° C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
-40 to +150
-30 to +150
°C
TI
Maximum leads soldering temperature during 10 s
260
°C
Table 2.
Electrical characteristics (Tj = 25° C, unless otherwise specified)
Symbol
Test conditions
Quadrant
Value
Unit
IGT
(1)
VD = 12 V, RL = 33 Ω
I - II - III
MAX
35
mA
VGT
I - II - III
MAX
1.3
V
VGD
VD = VDRM, RL =3.3 kΩ, Tj = 150° C
I - II - III
MIN
0.15
V
IH
(2)
IT = 100 mA
MAX
35
mA
IL
IG = 1.2 x IGT
I - III
MAX
50
mA
II
80
dV/dt (2)
VD = 67% VDRM, gate open, Tj = 150° C
MIN
300
V/µs
(dI/dt)c (2)
Without snubber, Tj = 150° C
MIN
8.9
A/ms
1.
minimum IGT is guaranteed at 5% of IGT max
2.
for both polarities of A2 referenced to A1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com