Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD047AD Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65MLVD047AD
Description  SN65MLVD047A Multipoint-LVDS Quad Differential Line Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD047AD Datasheet(HTML) 5 Page - Texas Instruments

  SN65MLVD047AD Datasheet HTML 1Page - Texas Instruments SN65MLVD047AD Datasheet HTML 2Page - Texas Instruments SN65MLVD047AD Datasheet HTML 3Page - Texas Instruments SN65MLVD047AD Datasheet HTML 4Page - Texas Instruments SN65MLVD047AD Datasheet HTML 5Page - Texas Instruments SN65MLVD047AD Datasheet HTML 6Page - Texas Instruments SN65MLVD047AD Datasheet HTML 7Page - Texas Instruments SN65MLVD047AD Datasheet HTML 8Page - Texas Instruments SN65MLVD047AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5.5 Thermal Information
PARAMETER
TEST CONDITIONS
VALUE
UNIT
θJA
Junction-to-ambient thermal resistance
Low-K board(1), no airflow
D
128
°C/W
Low-K board(1), no airflow
PW
194.2
Low-K board(1), 150 LFM
146.8
Low-K board(1), 250 LFM
133.1
High-K board(2), no airflow
121.6
θJB
Junction-to-board thermal resistance
High-K board(2)
D
51.1
°C/W
PW
85.3
θJC
Junction-to-case thermal resistance
D
45.4
°C/W
PW
34.7
(1)
In accordance with the Low-K thermal metric definitions of EIA/JESD51-3.
(2)
In accordance with the High-K thermal metric definitions of EIA/JESD51-7.
5.6 Device Electrical Characteristics
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX UNIT
ICC
Supply current
Driver enabled EN = VCC, EN = GND, RL = 50Ω, All inputs = VCC or GND
59
70
mA
Driver disabled EN = GND, EN = VCC, RL = No load, All inputs = VCC or GND
2
4
(1)
All typical values are at 25°C and with a 3.3V supply voltage.
www.ti.com
SN65MLVD047A
SLLS736B – JULY 2006 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN65MLVD047A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com