Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD047AD Datasheet(PDF) 12 Page - Texas Instruments

Part # SN65MLVD047AD
Description  SN65MLVD047A Multipoint-LVDS Quad Differential Line Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD047AD Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN65MLVD047AD Datasheet HTML 8Page - Texas Instruments SN65MLVD047AD Datasheet HTML 9Page - Texas Instruments SN65MLVD047AD Datasheet HTML 10Page - Texas Instruments SN65MLVD047AD Datasheet HTML 11Page - Texas Instruments SN65MLVD047AD Datasheet HTML 12Page - Texas Instruments SN65MLVD047AD Datasheet HTML 13Page - Texas Instruments SN65MLVD047AD Datasheet HTML 14Page - Texas Instruments SN65MLVD047AD Datasheet HTML 15Page - Texas Instruments SN65MLVD047AD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Y
Z
0 V or VCC
1.62 kΩ
,
±1%
VY, or VZ
Figure 6-7. Driver Maximum Steady State Output Voltage
tc(n)
1/f0
0 V
0 V
Period Jitter
0 V
Peak to Peak Jitter
1/f0
PRBS INPUT
OUTPUT
VY -VZ
VY -VZ
CLOCK
INPUT
IDEAL
OUTPUT
ACTUAL
OUTPUT
VCC
VCC/2
tjit(per) = tc(n) -1/f0
tjit(pp)
0 V
VCC
VCC/2
0 V
VY -VZ
VY -VZ
Cycle to Cycle Jitter
0 V
VY - VZ
OUTPUT
tc(n)
tc(n+1)
tjit(cc) = | tc(n) - tc(n+1) |
A.
All input pulses are supplied by an Agilent 8304A Stimulus System.
B.
The measurement is made on a TEK TDS6604 running TDSJIT3 application software
C.
Period jitter and cycle-to-cycle jitter are measured using a 100MHz 50 ±1% duty cycle clock input.
D.
Peak-to-peak jitter is measured using a 200Mbps 215 – 1PRBS input.
Figure 6-8. Driver Jitter Measurement Waveforms
SN65MLVD047A
SLLS736B – JULY 2006 – REVISED MARCH 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN65MLVD047A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com