Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD047AD Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65MLVD047AD
Description  SN65MLVD047A Multipoint-LVDS Quad Differential Line Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD047AD Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65MLVD047AD Datasheet HTML 2Page - Texas Instruments SN65MLVD047AD Datasheet HTML 3Page - Texas Instruments SN65MLVD047AD Datasheet HTML 4Page - Texas Instruments SN65MLVD047AD Datasheet HTML 5Page - Texas Instruments SN65MLVD047AD Datasheet HTML 6Page - Texas Instruments SN65MLVD047AD Datasheet HTML 7Page - Texas Instruments SN65MLVD047AD Datasheet HTML 8Page - Texas Instruments SN65MLVD047AD Datasheet HTML 9Page - Texas Instruments SN65MLVD047AD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
5.7 Device Electrical Characteristics
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN(1) TYP(2)
MAX
UNIT
LVTTL (EN, EN, 1A:4A)
|IIH|
High-level input current
VIH = 2 V or VCC
0
10
μA
|IIL|
Low-level input current
VIL = GND or 0.8 V
0
10
μA
Ci
Input capacitance
VI = 0.4 sin(30E6πt) + 0.5 V(3)
5
pF
M-LVDS (1Y/1Z:4Y/4Z)
|VYZ|
Differential output voltage magnitude
See Figure 6-2
480
650
mV
Δ|VYZ|
Change in differential output voltage magnitude
between logic states
–50
50
mV
VOS(SS)
Steady-state common-mode output voltage
See Figure 6-3
0.8
1.2
V
ΔVOS(SS)
Change in steady-state common-mode output
voltage between logic states
–50
50
mV
VOS(PP)
Peak-to-peak common-mode output voltage
150
mV
VY(OC)
Maximum steady-state open-circuit output
voltage
See Figure 6-7
0
2.4
V
VZ(OC)
Maximum steady-state open-circuit output
voltage
0
2.4
V
VP(H)
Voltage overshoot, low-to-high level output
See Figure 6-5
1.2 VSS
V
VP(L)
Voltage overshoot, high-to-low level output
–0.2 VSS
V
|IOS|
Differential short-circuit output current
magnitude
See Figure 6-4
24
mA
IOZ
High-impedance state output current
–1.4 V ≤ (VY or VZ) ≤ 3.8 V,
Other output = 1.2 V
–15
10
μA
IO(OFF)
Power-off output current
–1.4 V ≤ (VY or VZ) ≤ 3.8 V,
Other output = 1.2 V, VCC = 0 V
–10
10
μA
CY or CZ Output capacitance
VY or VZ = 0.4 sin(30E6πt) + 0.5 V,(3)
Other input at 1.2 V, driver disabled
3
pF
CYZ
Differential output capacitance
VYZ = 0.4 sin(30E6πt) V,(3)
Driver disabled
2.5
pF
CY/Z
Output capacitance balance, (CY/CZ)
0.99
1.01
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
(2)
All typical values are at 25°C and with a 3.3-V supply voltage.
(3)
HP4194A impedance analyzer (or equivalent)
SN65MLVD047A
SLLS736B – JULY 2006 – REVISED MARCH 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN65MLVD047A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com