Electronic Components Datasheet Search
  English  ▼

X  

FFG Datasheet(PDF) 14 Page - LEMO Connectors

Part # FFG
Description  T SERIES IP 68 PUSH-PULL CONNECTORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

FFG Datasheet(HTML) 14 Page - LEMO Connectors

Back Button FFG Datasheet HTML 10Page - LEMO Connectors FFG Datasheet HTML 11Page - LEMO Connectors FFG Datasheet HTML 12Page - LEMO Connectors FFG Datasheet HTML 13Page - LEMO Connectors FFG Datasheet HTML 14Page - LEMO Connectors FFG Datasheet HTML 15Page - LEMO Connectors FFG Datasheet HTML 16Page - LEMO Connectors FFG Datasheet HTML 17Page - LEMO Connectors FFG Datasheet HTML 18Page - LEMO Connectors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
12
www.lemo.com
®
®
DISCLAIMER The information contained within this catalog and the functions offered are intended to provide information about products. All reasonable efforts have been made to ensure the accuracy of the
information. However, LEMO cannot be held responsible for any errors. LEMO does not warrant the accuracy and reserves the right to make changes to the catalog and its functions at any time without notice.
Spare parts
e
L
A
Note: 3T series fixed and free sockets for back panel mounting are always
delivered with a conical nut.
To order this accessory separately, use the above part numbers.
See page 17 for the tooling.
● Material: Chrome-plated brass (Ni 3 µm + Cr 0.3 µm)
GEC Conical nuts
TT
0T
1T
2T
3T
Series
GEC.00.240.LC
GEC.0S.240.LC
GEC.1S.240.LC
GEC.2S.240.LC
GEC.3S.240.LC
Part number
8
10
M7 x 0.5
2.5
10
12
M9 x 0.6
2.5
13
16
M12 x 1.0
3.2
17
20
M15 x 1.0
3.8
20
24
M18 x 1.0
4.5
Dimensions (mm)
A
B
e
L
ø C
L
ø A
Note: to order this accessory separately, use the above part numbers.
e
L
A
Note: to order this part separately, use the above part numbers. The last
letters «LN» of the part number refer to the nut material and treatment. If
a nut in aluminium alloy or stainless steel is desired, replace the last letters
of the part number by «PT» or «AZ» respectively.
See page 17 for the tooling.
● Material: Nickel-plated bronze (3 µm)
GBA Locking washers
TT
0T
1T
2T
3T
Series
GBA.00.250.FN
GBA.0S.250.FN
GBA.1S.250.FN
GBA.2S.250.FN
GBA.3S.250.FN
Part number
9.5
7.1
1.0
12.5
9.1
1.0
16.0 12.1
1.0
19.5 15.1
1.2
25.0 18.1
1.4
Dimensions (mm)
A
C
L
● Material: Nickel-plated brass (3 µm), Natural anodized aluminium alloy, Stainless steel
GEA Hexagonal nuts
TT
0T
1T
2T
3T
Series
GEA.00.240.LN
GEA.0S.240.LN
GEA.1S.240.LN
GEA.2S.240.LN
GEA.3S.240.LN
Part number
9
10.2
M7 x 0.5
2.0
11
12.4
M9 x 0.6
2.0
14
15.8
M12 x 1.0
2.5
17
19.2
M15 x 1.0
2.7
22
25.0
M18 x 1.0
3.0
Dimensions (mm)
A
B
e
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com