Electronic Components Datasheet Search
  English  ▼

X  

FFG Datasheet(PDF) 2 Page - LEMO Connectors

Part # FFG
Description  T SERIES IP 68 PUSH-PULL CONNECTORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

FFG Datasheet(HTML) 2 Page - LEMO Connectors

  FFG Datasheet HTML 1Page - LEMO Connectors FFG Datasheet HTML 2Page - LEMO Connectors FFG Datasheet HTML 3Page - LEMO Connectors FFG Datasheet HTML 4Page - LEMO Connectors FFG Datasheet HTML 5Page - LEMO Connectors FFG Datasheet HTML 6Page - LEMO Connectors FFG Datasheet HTML 7Page - LEMO Connectors FFG Datasheet HTML 8Page - LEMO Connectors FFG Datasheet HTML 9Page - LEMO Connectors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.lemo.com
®
®
1
3
7
2
4
6
2
5
4
1
6
9
5
6
3
7
8
10
Fixed socket
outer shell
earthing crown
hexagonal nut
insulator
female contact
o-ring
locking washer
4
3
6
5
1
2
7
Straight plug
outer shell
latch sleeve
inner shell
insulator
male contact
split insert carrier
earthing cone
gasket
collet
collet nut
4
3
6
5
1
2
7
8
9
10
Part Section Showing Internal Components
Shielding efficiency
> 75 dB at 10 MHz / > 40 dB at 1 GHz
IEC 60169-1-3
Outershell and collet nut
Latch sleeve/earthing crown
Other metallic components
Material
Surface treatment
Material
Surface treatment
Material
Surface treatment
Brass
Chrome
Brass/Bronze
Nickel
Brass
Nickel
Brass
Black chrome
Brass/Bronze
Nickel
Brass
Nickel
POM
–
Brass/Bronze
Nickel
Brass
Nickel
Material and Treatments
Insulators
Material
Contact type
Brass (UNS C 34500)
Male contact
Bronze (UNS C 54400)
Female contact
Material
Contact type
PEEK
Crimp, solder or print
Contacts
T series connectors have been specifically designed for outdoor applications. They include an inner sleeve and seals to pre-
vent penetration of solids or liquids.This series is watertight when mated to give a protection index of IP68 as per IEC 60529
standard and have the following main features:
- IP68 mated
- Compatible with existing B sockets
- Push-Pull self-latching system
- Same mounting hole as B sockets
- Mechanical key (FGG) with multiple keys
- Black-chrome plated brass and plastic outershell available
to avoid cross-mating
- Multipole types 2 to 32 contacts
- High packing density for space savings
- For cables 1.0 up to 10.5 mm
- 360° shielding for full EMC shielding
- Solder, crimp or print contacts
T series
Electrical
Value
Standard
Technical Characteristics
Mechanical and Climatical
Value
Standard
Endurance
> 1000 cycles 1)
IEC 60512-5 test 9a
Humidity
up to 95% at 60°C
–
Temperature range
-55°C, +200°C / (-20°C, +80°C) 2)
–
Resistance to vibration
10-2000 Hz, 15 g
IEC 60512-4 test 6d
Shock resistance
100 g, 6 ms
IEC 60512-4 test 6c
Salt spray corrosion test
> 1000 h
IEC 60512-6 test 11f
Protection index (mated) 3)
IP68/IP66
IEC 60529
Latching retention force (average value)
From 85 N up to 300 N (depending of the size)
–
Climatical category
50/175/21
IEC 60068-1
Note: 1) Up to 5000 cycles for size 3T. 2) operating temperature is -20°C, +80°C for watertight or vacuumtight models fitted with an FPM (Viton®) o-ring
and Epoxy. 3) IP68 achieved providing that the cable is perfectly circular and that assembly process ensures a high integrity seal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com