Electronic Components Datasheet Search
  English  ▼

X  

FFG Datasheet(PDF) 15 Page - LEMO Connectors

Part # FFG
Description  T SERIES IP 68 PUSH-PULL CONNECTORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

FFG Datasheet(HTML) 15 Page - LEMO Connectors

Back Button FFG Datasheet HTML 11Page - LEMO Connectors FFG Datasheet HTML 12Page - LEMO Connectors FFG Datasheet HTML 13Page - LEMO Connectors FFG Datasheet HTML 14Page - LEMO Connectors FFG Datasheet HTML 15Page - LEMO Connectors FFG Datasheet HTML 16Page - LEMO Connectors FFG Datasheet HTML 17Page - LEMO Connectors FFG Datasheet HTML 18Page - LEMO Connectors FFG Datasheet HTML 19Page - LEMO Connectors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
13
www.lemo.com
®
®
DISCLAIMER The information contained within this catalog and the functions offered are intended to provide information about products. All reasonable efforts have been made to ensure the accuracy of the
information. However, LEMO cannot be held responsible for any errors. LEMO does not warrant the accuracy and reserves the right to make changes to the catalog and its functions at any time without notice.
e
ø A
L
L
e
ø A
Model 2
Model 1
Note: TT, 0T, 1T and 2T series fixed and free sockets for back panel
mounting are always delivered with this notched nut.
To order this accessory separately, use the above part numbers.
See page 18 for the tooling.
● Material: Chrome-plated brass (Ni 3 µm + Cr 0.3 µm)
GEG Notched nuts
TT
0T
1T
2T
Series
1
1
1
2
Model
GEG.00.240.LC
GEG.0S.240.LC
GEG.1S.240.LC
GEG.2S.240.LC
Part number
8.6
10
M7 x 0.5
2.5
10.5
12
M9 x 0.6
2.5
14.0
16
M12 x 1.0
3.5
17.5
20
M15 x 1.0
3.5
Dimensions (mm)
A
B
e
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com