Electronic Components Datasheet Search
  English  ▼

X  

SN54HC253 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54HC253
Description  SN74HC253-Q1 Automotive Dual 4-Line To 1-Line Data Selector/Multiplexer With 3- State Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC253 Datasheet(HTML) 3 Page - Texas Instruments

  SN54HC253 Datasheet HTML 1Page - Texas Instruments SN54HC253 Datasheet HTML 2Page - Texas Instruments SN54HC253 Datasheet HTML 3Page - Texas Instruments SN54HC253 Datasheet HTML 4Page - Texas Instruments SN54HC253 Datasheet HTML 5Page - Texas Instruments SN54HC253 Datasheet HTML 6Page - Texas Instruments SN54HC253 Datasheet HTML 7Page - Texas Instruments SN54HC253 Datasheet HTML 8Page - Texas Instruments SN54HC253 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3 Pin Configuration and Functions
D Package,
16-Pin SOIC
(Top View)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
1OE
1
Input
Channel 1 output enable
B
2
Input
B select
1C3
3
Input
Channel 1 input 3
1C2
4
Input
Channel 1 input 2
1C1
5
Input
Channel 1 input 1
1C0
6
Input
Channel 1 input 0
1Y
7
Output
Channel 1 output
GND
8
Input
Ground
2Y
9
Output
Channel 2 output
2C0
10
Input
Channel 2 input 0
2C1
11
Input
Channel 2 input 1
2C2
12
Input
Channel 2 input 2
2C3
13
Input
Channel 2 input 3
A
14
Input
A select
2OE
15
Input
Channel 2 output enable
VCC
16
—
Power
(1)
Signal Types: I = Input, O = Output, I/O = Input or Output.
www.ti.com
SN74HC253-Q1
SCLS519B – JULY 2003 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HC253-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com