Electronic Components Datasheet Search
  English  ▼

X  

SN54HC253 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54HC253
Description  SN74HC253-Q1 Automotive Dual 4-Line To 1-Line Data Selector/Multiplexer With 3- State Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC253 Datasheet(HTML) 5 Page - Texas Instruments

  SN54HC253 Datasheet HTML 1Page - Texas Instruments SN54HC253 Datasheet HTML 2Page - Texas Instruments SN54HC253 Datasheet HTML 3Page - Texas Instruments SN54HC253 Datasheet HTML 4Page - Texas Instruments SN54HC253 Datasheet HTML 5Page - Texas Instruments SN54HC253 Datasheet HTML 6Page - Texas Instruments SN54HC253 Datasheet HTML 7Page - Texas Instruments SN54HC253 Datasheet HTML 8Page - Texas Instruments SN54HC253 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
4.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
VCC
TA = 25oC
MIN
MAX
UNIT
MIN
TYP
MAX
VOH
VI = VIH or VIL
IOH = – 20µA
2
1.9
1.998
1.9
V
4.5
4.4
4.499
4.4
6
5.9
5.999
5.9
IOH = −6 mA
4.5
3.98
4.3
3.7
IOH = −7.8
mA
6
5.48
5.8
5.2
VOL
VI = VIH or VIL
IOL = 20µA
2
0.002
0.1
0.1
V
4.5
0.001
0.1
0.1
6
0.001
0.1
0.1
IOL = 6mA
4.5
0.17
0.26
0.4
IOL = 7.8mA
6
0.15
0.26
0.4
II
VI = VCC or 0
6
±0.1
±100
±1000
nA
IOZ
VO = VCC or 0
6
±0.01
±0.5
±10
µA
ICC
VI = VCC or 0 IO = 0
6
8
160
µA
Ci
2 to 6
3
10
10
pF
(1)
VI = VIH or VIL, unless otherwise noted.
4.6 Switching Characteristics, CL = 50pF
over operating free-air temperature range, CL = 50pF (unless otherwise noted) (see Load Circuit and Voltage Waveforms)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25oC
MIN
MAX UNIT
MIN
TYP
MAX
tpd
A or B
Any Y
2
62
150
225
ns
4.5
19
30
45
6
16
26
38
Data
(Any C)
Y
2
54
126
210
4.5
16
28
42
6
13
23
36
ten
OE
Y
2
28
100
150
ns
4.5
11
20
30
6
9
17
26
tdis
OE
Y
2
21
135
203
ns
4.5
14
30
45
6
12
35
38
tt
Y
2
28
60
90
ns
4.5
8
12
18
6
6
10
15
www.ti.com
SN74HC253-Q1
SCLS519B – JULY 2003 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74HC253-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com