Electronic Components Datasheet Search
  English  ▼

X  

SN75158 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75158
Description  DUAL DIFFERENTIAL LINE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN75158 Datasheet(HTML) 3 Page - Texas Instruments

  SN75158 Datasheet HTML 1Page - Texas Instruments SN75158 Datasheet HTML 2Page - Texas Instruments SN75158 Datasheet HTML 3Page - Texas Instruments SN75158 Datasheet HTML 4Page - Texas Instruments SN75158 Datasheet HTML 5Page - Texas Instruments SN75158 Datasheet HTML 6Page - Texas Instruments SN75158 Datasheet HTML 7Page - Texas Instruments SN75158 Datasheet HTML 8Page - Texas Instruments SN75158 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
4 Pin Configuration and Functions
1
2
3
4
8
7
6
5
1Z
1Y
1A
GND
VCC
2Z
2Y
2A
Figure 4-1. D, P, OR PS Package
(Top View)
Table 4-1. Pin Functions
PIN
TYPE(1) DESCRIPTION
NAME
NO.
1Z
1
O
Inverting Output of Differential Driver on Channel 1
1Y
2
O
Non-Inverting Output for Differential Driver on Channel 1
1A
3
I
Single Ended Data Input for Channel 1
GND
4
GND
Device Ground
2A
5
I
Single Ended Data Input for Channel 2
2Y
6
O
Non-Inverting Output for Differential Driver on Channel 2
2Z
7
O
Inverting Output of Differential Driver on Channel 2
VCC
8
P
5V Power Supply Positive Terminal Connection
(1)
Signal Types: I = Input, O = Output, I/O = Input or Output, P = Power, GND = Ground.
www.ti.com
SN75158
SLLS085C – JANUARY 1977 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN75158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com