Electronic Components Datasheet Search
  English  ▼

X  

SN75158 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75158
Description  DUAL DIFFERENTIAL LINE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN75158 Datasheet(HTML) 4 Page - Texas Instruments

  SN75158 Datasheet HTML 1Page - Texas Instruments SN75158 Datasheet HTML 2Page - Texas Instruments SN75158 Datasheet HTML 3Page - Texas Instruments SN75158 Datasheet HTML 4Page - Texas Instruments SN75158 Datasheet HTML 5Page - Texas Instruments SN75158 Datasheet HTML 6Page - Texas Instruments SN75158 Datasheet HTML 7Page - Texas Instruments SN75158 Datasheet HTML 8Page - Texas Instruments SN75158 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
7
V
VI
Input voltage range
5.5
V
Continuous total power dissipation
See Dissipation Ratings
TJ
Operating free-air temperature range
0
70
°C
Tstg
Storage temperature range
–65
150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 s
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential input voltage, are with respect to the network ground terminal.
(3)
Differential input voltage is measured at the noninverting input with respect to the corresponding inverting input.
5.2 Dissipation Ratings
PACKAGE
TA ≤ 25°C
POWER RATING
OPERATING FACTOR
ABOVE TA = 25°C
TA ≤ 70°C
POWER RATING
D
725 mW
5.8 mW/°C
464 mW
P
1000 mW
8.0 mW/°C
640 mW
PS
450 mW
3.6 mW/°C
288 mW
5.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–40
mA
IOL
Low-level output current
40
mA
TA
Operating free-air temperature
0
70
°C
5.4 Thermal Information
THERMAL METRIC(1)
D
P
PS
UNIT
8-Pins
R θJA
Junction-to-ambient thermal resistance
116.7
84.3
89.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
56.3
65.4
46.2
°C/W
R θJB
Junction-to-board thermal resistance
63.4
62.1
50.7
°C/W
ψ JT
Junction-to-top characterization parameter
8.8
31.3
23.5
°C/W
ψ JB
Junction-to-board characterization parameter
62.6
60.4
60.3
°C/W
R θJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
report.
SN75158
SLLS085C – JANUARY 1977 – REVISED MARCH 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN75158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com