Electronic Components Datasheet Search
  English  ▼

X  

SN75158 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75158
Description  DUAL DIFFERENTIAL LINE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN75158 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75158 Datasheet HTML 3Page - Texas Instruments SN75158 Datasheet HTML 4Page - Texas Instruments SN75158 Datasheet HTML 5Page - Texas Instruments SN75158 Datasheet HTML 6Page - Texas Instruments SN75158 Datasheet HTML 7Page - Texas Instruments SN75158 Datasheet HTML 8Page - Texas Instruments SN75158 Datasheet HTML 9Page - Texas Instruments SN75158 Datasheet HTML 10Page - Texas Instruments SN75158 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
5.7 Typical Characteristics (continued)
Free-Air Temperature, T (°C)
A
4.0
0.0
– 75
125
– 50
– 25
0
25
50
75
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
(I
= –20 mA)
OH
OH
V
(I
= 40 mA)
OL
OL
V
(I
= –40 mA)
OH
OH
V
= 5 V
CC
Figure 5-5. Output Voltage vs Free-Air Temperature
Free-Air Temperature, T (°C)
A
30
0
– 75
125
– 50
– 25
0
25
50
75
100
5
10
15
20
25
tPHL
tPHL
V
= 5 V
CC
See Figure 2
Termination A
Figure 5-6. Propagation Delay Times vs Free-Air Temperature
0
Supply Voltage, V
(V)
CC
8
0
1
2
3
4
5
6
7
10
20
30
40
50
60
70
Inputs Grounded
80
No Load
T = 25°C
A
Inputs Open
Figure 5-7. Supply Current(Both Drivers) vs Supply Voltage
30
– 75
125
– 50 – 25
0
25
50
75
100
32
34
36
38
40
Free-Air Temperature, T (°C)
A
42
V
= 5 V
CC
Input Grounded
Outputs Open
Figure 5-8. Supply Current(Both Drivers) vs Free-Air
Temperature
www.ti.com
SN75158
SLLS085C – JANUARY 1977 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN75158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com