Electronic Components Datasheet Search
  English  ▼

X  

TAS5086DBT Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS5086DBT
Description  PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5086DBT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5086DBT Datasheet HTML 17Page - Texas Instruments TAS5086DBT Datasheet HTML 18Page - Texas Instruments TAS5086DBT Datasheet HTML 19Page - Texas Instruments TAS5086DBT Datasheet HTML 20Page - Texas Instruments TAS5086DBT Datasheet HTML 21Page - Texas Instruments TAS5086DBT Datasheet HTML 22Page - Texas Instruments TAS5086DBT Datasheet HTML 23Page - Texas Instruments TAS5086DBT Datasheet HTML 24Page - Texas Instruments TAS5086DBT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Right-Justified
23
22
SCLK
32Clks
LRCLK
LeftChannel
24-BitMode
1
20-BitMode
16-BitMode
15
14
MSB
LSB
SCLK
32Clks
RightChannel
2-ChannelRight-Justified(SonyFormat)StereoInput
T0034-03
19
18
1
19
18
1
0
0
0
15
14
15
14
23
22
1
15
14
MSB
LSB
19
18
1
19
18
1
0
0
0
15
14
15
14
TAS5086
www.ti.com ................................................................................................................................................... SLES131C – FEBRUARY 2005 – REVISED JUNE 2008
Right-justified (RJ) timing uses LRCLK to define when the data being transmitted is for the left channel and when
it is for the right channel. LRCLK is high for the left channel and low for the right channel. A bit clock running at
64 fS is used to clock in the data. The first bit of data appears on the data 8 bit-clock periods (for 24-bit data)
after LRCLK toggles. In RJ mode, the LSB of data always is clocked by the last bit clock before LRCLK
transitions. The data is written MSB-first and is valid on the rising edge of bit clock. The TAS5086 masks unused
leading data bit positions.
Figure 20. Right-Justified 64-fS Format
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TAS5086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com