Electronic Components Datasheet Search
  English  ▼

X  

TAS5086DBT Datasheet(PDF) 39 Page - Texas Instruments

Part # TAS5086DBT
Description  PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5086DBT Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5086DBT Datasheet HTML 35Page - Texas Instruments TAS5086DBT Datasheet HTML 36Page - Texas Instruments TAS5086DBT Datasheet HTML 37Page - Texas Instruments TAS5086DBT Datasheet HTML 38Page - Texas Instruments TAS5086DBT Datasheet HTML 39Page - Texas Instruments TAS5086DBT Datasheet HTML 40Page - Texas Instruments TAS5086DBT Datasheet HTML 41Page - Texas Instruments TAS5086DBT Datasheet HTML 42Page - Texas Instruments TAS5086DBT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
AM Mode REGISTER (0x22)
TAS5086
www.ti.com ................................................................................................................................................... SLES131C – FEBRUARY 2005 – REVISED JUNE 2008
Table 18. Downmix Input Multiplexer Register (continued)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
–
–
–
1
Enable data from input multiplexer 1 to downmix block
–
–
–
–
–
–
–
0
Disable data from input multiplexer 1 to downmix block
–
–
–
–
–
–
1
–
Enable data from input multiplexer 2 to downmix block
–
–
–
–
–
–
0
–
Disable data from input multiplexer 2 to downmix block
–
–
–
–
–
1
–
–
Enable data from input multiplexer 3 to downmix block
–
–
–
–
–
0
–
–
Disable data from input multiplexer 3 to downmix block
–
–
–
–
1
–
–
–
Enable data from input multiplexer 4 to downmix block
–
–
–
–
0
–
–
–
Disable data from input multiplexer 4 to downmix block
–
–
–
1
–
–
–
–
Enable data from input multiplexer 5 to downmix block
–
–
–
0
–
–
–
–
Disable data from input multiplexer 5 to downmix block
See the PurePath Digital™ AM Interference Avoidance application report (SLEA040).
Table 19. AM Mode Register (0x22)
D20
D19
D18
D17
D16
FUNCTION
0
–
–
–
–
AM mode disabled
1
–
–
–
–
AM mode enabled
–
0
0
–
–
Select sequence 1
–
0
1
–
–
Select sequence 2
–
1
0
–
–
Select sequence 3
–
1
1
–
–
Select sequence 4
–
–
–
0
–
IF frequency = 455 kHz
–
–
–
1
–
IF frequency = 262.5 kHz
–
–
–
–
0
Use BCD tuned frequency
–
–
–
–
1
Use binary tuned frequency
Table 20. AM Tuned Frequency Register in BCD Mode
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
X
–
–
–
–
BCD frequency (1000s kHz)
–
–
–
–
–
–
–
–
–
–
–
–
X
X
X
X
BCD frequency (100s kHz)
0
0
0
0
0
0
0
0
Default value
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
X
X
X
X
–
–
–
–
BCD frequency (10s kHz)
–
–
–
–
–
–
–
–
–
–
–
–
X
X
X
X
BCD frequency (1s kHz)
0
0
0
0
0
0
0
0
Default value
OR
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TAS5086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com