Electronic Components Datasheet Search
  English  ▼

X  

TAS5086DBT Datasheet(PDF) 4 Page - Texas Instruments

Part # TAS5086DBT
Description  PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5086DBT Datasheet(HTML) 4 Page - Texas Instruments

  TAS5086DBT Datasheet HTML 1Page - Texas Instruments TAS5086DBT Datasheet HTML 2Page - Texas Instruments TAS5086DBT Datasheet HTML 3Page - Texas Instruments TAS5086DBT Datasheet HTML 4Page - Texas Instruments TAS5086DBT Datasheet HTML 5Page - Texas Instruments TAS5086DBT Datasheet HTML 6Page - Texas Instruments TAS5086DBT Datasheet HTML 7Page - Texas Instruments TAS5086DBT Datasheet HTML 8Page - Texas Instruments TAS5086DBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TAS5086
SLES131C – FEBRUARY 2005 – REVISED JUNE 2008 ................................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
(1)
DVDD and DVD_ESD
–0.3 V to 3.6 V
Supply voltage
AVDD
–0.3 V to 3.6 V
3.3-V-digital input
–0.5 V to DVDD + 0.5 V
Input voltage
5-V-tolerant(2) digital input
–0.5 V to 6 V
Input clamp current, IIK (VI < 0 or VI > 1.8 V)
±20 mA
Output clamp current, IOK (VO < 0 or VO > 1.8 V)
±20 mA
Operating free-air temperature
0°C to 70°C
Storage temperature range, Tstg
–65°C to 150°C
(1)
Stresses beyond those listed under “absolute ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operation conditions”
are not implied. Exposure to absolute-maximum conditions for extended periods may affect device reliability.
(2)
5-V tolerant inputs are RESET, PDN, MUTE, SCLK, LRCLK, MCLK, SDA, and SCL.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
DBT
817.16 mW
10.214 mW/C
357.5 mW
204.29 mW
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Digital supply voltage
DVDD
3
3.3
3.6
V
Analog supply voltage
AVDD
3
3.3
3.6
V
VIH
High-level input voltage
3.3-V TTL, 5-V tolerant
2
V
VIL
Low-level input voltage
3.3-V TTL, 5-V tolerant
0.8
V
TA
Operating ambient-air temperature range
0
25
70
°C
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
3.3-V TTL and 5-V(1) tolerant
IOH = –4 mA
2.4
V
VOL
Low-level output voltage
3.3-V TTL and 5-V(1) tolerant
IOL = 4 mA
0.5
V
IOZ
High-impedance output current
3.3-V TTL
20
µA
3.3-V TTL
VI = VIL
1
IIL
Low-level input current
µA
5-V tolerant(2)
VI = 0 V, DVDD = 3 V
1
3.3-V TTL
VI = VIH
1
IIH
High-level input current
µA
5-V tolerant(2)
VI = 5.5 V, DVDD = 3 V
20
fS = 48 kHz
140
fS = 96 kHz
150
Digital supply voltage, DVDD
mA
fS = 192 kHz
155
IDD
Input supply current
Power down
8
Normal
20
Analog supply voltage, AVDD
mA
Power down
2
(1)
5-V-tolerant outputs are SCL and SDA
(2)
5-V-tolerant inputs are SDA, SCL, RESET, PDN, MUTE, HP_SEL, SCLK, LRCLK, MCLK, SDIN1, SDIN2, SDIN3, and SDIN4.
4
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com