Electronic Components Datasheet Search
  English  ▼

X  

TAS5624ADDVR Datasheet(PDF) 30 Page - Texas Instruments

Part # TAS5624ADDVR
Description  TAS5624A 150-W Stereo and 300-W Mono PurePath™ HD Digital Input Class-D Power Stage
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5624ADDVR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TAS5624ADDVR Datasheet HTML 26Page - Texas Instruments TAS5624ADDVR Datasheet HTML 27Page - Texas Instruments TAS5624ADDVR Datasheet HTML 28Page - Texas Instruments TAS5624ADDVR Datasheet HTML 29Page - Texas Instruments TAS5624ADDVR Datasheet HTML 30Page - Texas Instruments TAS5624ADDVR Datasheet HTML 31Page - Texas Instruments TAS5624ADDVR Datasheet HTML 32Page - Texas Instruments TAS5624ADDVR Datasheet HTML 33Page - Texas Instruments TAS5624ADDVR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
T1
T2
T4
T3
T5
T5
TAS5624A
SLAS844A – MAY 2012 – REVISED JANUARY 2016
www.ti.com
12.2 Layout Example
Note T1: Bottom and top layer ground plane areas are used to provide strong ground connections. The area under
the IC must be treated as central ground, with IC grounds connected there and a strong via matrix connecting the
area to bottom ground plane. The ground path from the IC to the power supply ground through top and bottom layers
must be strong to provide very low impedance to high power and audio currents.
Note T2: Low impedance X7R or X5R ceramic high frequency decoupling capacitors must be placed within 2mm of
PVDD and GND pins and connected directly to them and to top ground plane to provide good decoupling of high
frequency currents for best performance and reliability. Their DC voltage rating must be 2 times PVDD.
Note T3: Low impedance electrolytic bulk decoupling capacitors must be placed as close as possible to the IC.
Typically the heat sink sets the distance. Wide PVDD traces are routed on the top layer with direct connections to the
pins, without going through vias.
Note T4: LC filter inductors and capacitors must be placed as close as possible to the IC after decoupling capacitors.
Inductors must have low DC resistance and switching losses and must be linear to at least the OCP (over current
protection) limit. Capacitors must be linear to at least twice the maximum output voltage and must be capable of
conducting currents generated by the maximum expected high frequency output.
Note T5: Bulk decoupling capacitors and LC filter capacitors must have strong ground return paths through ground
plane to the central ground area under the IC.
Note T6: The heat sink must have a good thermal and electrical connection to PCB ground and to the IC PowerPAD.
It must be connected to the PowerPad through a thin layer, about 1 mil, of highly conductive thermal compound.
Figure 25. Printed-Circuit-Board - Top Layer
30
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: TAS5624A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com