Electronic Components Datasheet Search
  English  ▼

X  

THS7327PHPR Datasheet(PDF) 21 Page - Texas Instruments

Part # THS7327PHPR
Description  3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru, 2:1 Input MUX, and Selectable Input Bias Modes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7327PHPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS7327PHPR Datasheet HTML 17Page - Texas Instruments THS7327PHPR Datasheet HTML 18Page - Texas Instruments THS7327PHPR Datasheet HTML 19Page - Texas Instruments THS7327PHPR Datasheet HTML 20Page - Texas Instruments THS7327PHPR Datasheet HTML 21Page - Texas Instruments THS7327PHPR Datasheet HTML 22Page - Texas Instruments THS7327PHPR Datasheet HTML 23Page - Texas Instruments THS7327PHPR Datasheet HTML 24Page - Texas Instruments THS7327PHPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
THS7327
www.ti.com
SLOS502C
– SEPTEMBER 2006 – REVISED OCTOBER 2011
Channel Register Bit Descriptions
Each bit of the subaddress (channel selection) control register as described above allows the user to individually
control the functionality of the THS7327. The benefit of this process allows the user to control the functionality of
each channel independent of the other channels. The bit description is decoded in Table 3 and Table 4.
Table 3. THS7327 Channel Register (Ch. 1 thru 3) Bit Decoder Table
– Use with Register Bit Codes
(0000 0001), (0000 0010), and (0000 0011)
BIT
BIT
FUNCTION
RESULT
VALUE(S)
0
500-kHz Filter on the STC circuit
(MSB)
Sync-Tip Clamp Filter
7
1
5-MHz Filter on the STC circuit
0 0 0 0
MUX Input A; LPF = 9-MHz
0 0 0 1
MUX Input A; LPF = 16-MHz
0 0 1 0
MUX Input A; LPF = 35-MHz
0 0 1 1
MUX Input A; LPF = 75-MHz
0 1 0 0
MUX Input A; LPF = Bypass
0 1 0 1
MUX Input B; LPF = 9-MHz
0 1 1 0
MUX Input B; LPF = 16-MHz
MUX Selection
0 1 1 1
MUX Input B; LPF = 35-MHz
6, 5, 4, 3
+
1 0 0 0
MUX Input B; LPF = 75-MHz
Low Pass Filter
1 0 0 1
MUX Input B; LPF = Bypass
1 0 1 0
Reserved
—Do Not Care
1 0 1 1
Reserved
—Do Not Care
1 1 0 0
Reserved
—Do Not Care
1 1 0 1
Reserved
—Do Not Care
1 1 1 0
Reserved
—Do Not Care
1 1 1 1
Reserved
—Do Not Care
0 0 0
Disables both Monitor and Buffer Paths of the Respective
Channel/Register
0 0 1
Channel Mute
0 1 0
Input Mode = DC
Input Mode
2, 1, 0
0 1 1
Input Mode = DC + Shift
+
(LSB)
Operation
1 0 0
Input Mode = AC-Bias
1 0 1
Input Mode = AC-STC with Low Bias
1 1 0
Input Mode = AC-STC with Mid Bias
1 1 1
Input Mode = AC-STC with High Bias
Bits 7 (MSB)
– Controls the sync-tip clamp filter. Useful only when AC-STC input mode is selected.
Bit 6, 5, 4, 3
– Selects the Input MUX channel and the Buffer low pass filter
Bits 2, 1, and 0 (LSB)
– Configures the channel mode and operation. See Table 4, bits 6 and 5 for more
information with respect to enable/disable state
Copyright
© 2006–2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com