Electronic Components Datasheet Search
  English  ▼

X  

THS7327PHPR Datasheet(PDF) 13 Page - Texas Instruments

Part # THS7327PHPR
Description  3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru, 2:1 Input MUX, and Selectable Input Bias Modes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7327PHPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS7327PHPR Datasheet HTML 9Page - Texas Instruments THS7327PHPR Datasheet HTML 10Page - Texas Instruments THS7327PHPR Datasheet HTML 11Page - Texas Instruments THS7327PHPR Datasheet HTML 12Page - Texas Instruments THS7327PHPR Datasheet HTML 13Page - Texas Instruments THS7327PHPR Datasheet HTML 14Page - Texas Instruments THS7327PHPR Datasheet HTML 15Page - Texas Instruments THS7327PHPR Datasheet HTML 16Page - Texas Instruments THS7327PHPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
THS7327
www.ti.com
SLOS502C
– SEPTEMBER 2006 – REVISED OCTOBER 2011
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NO.
NAME
HTQFP-48
Serial data line of the I2C bus. Pull-up resistor should have a minimum value = 2-k
Ω and a
I2C-SDA
19
I/O
maximum value = 19-k
Ω. Pull up to VS+.
I2C bus clock line. Pull-up resistor should have a minimum value = 2-k
Ω and a maximum
I2C-SCL
20
I
value = 19-k
Ω. Pull up to VS+.
Power-up condition
– connect to GND for all channels disabled upon power-up. Connect to
PUC
21
I
VDD (logic high) to set buffer outputs to OFF and monitor outputs ON with ac-bias
configuration on channels 1 to 3 and HV syncs are enabled.
Sets the MUX configuration control
– connect to logic low for MUX select (pin 16) control of
MUX MODE
15
I
the MUX. Connect to logic high for I2C control of the MUX.
Controls the MUX selection when MUX MODE (pin 15) is set to logic low. Connect to logic
MUX select
16
I
low for MUX selector set to input A. Connect to logic high for MUX selector set to input B.
Output channel 1 from either CH. 1
– input A or CH. 1 – input B – connect to ADC / Scalar /
CH. 1
– buffer output
35, 36
O
Decoder
Output channel 1 from either CH. 2
– input A or CH. 2 – input B – connect to ADC / Scalar /
CH. 2
– buffer output
31, 32
O
Decoder
Output channel 3 from either CH. 3
– input A or CH. 3 – input B – connect to ADC / Scalar /
CH. 3
– buffer output
27, 28
O
Decoder
Horizontal sync output
25
O
Horizontal sync output
– Connect to ADC / Scalar H-sync input
Vertical sync output
24
O
Vertical sync output
– Connect to ADC / Scalar V-sync input
Video monitor pass-thru output channel 1 SAG correction pin. If SAG is not used, connect
CH. 1 - SAG
45
O
directly to CH. 1
– output pin 46.
CH. 1
– output
46
O
Video monitor pass-thru output channel 1 from either CH. 1
– input A or CH. 1 – input B
Video monitor pass-thru output channel 2 SAG correction pin. If SAG is not used, connect
CH. 2 - SAG
43
O
directly to CH. 2
– output pin 44.
CH. 2
– output
44
O
Video monitor pass-thru output channel 2 from either CH. 2
– input A or CH. 2 – input B
Video monitor pass-thru output channel 3 SAG correction pin. If SAG is not used, connect
CH. 3 - SAG
41
O
directly to CH. 3
– output pin 42.
CH. 3
– output
42
O
Video monitor pass-thru output channel 3 from either CH. 3
– input A or CH. 3 – input B
Horizontal sync
40
O
Horizontal sync monitor pass-thru output
monitor output
Vertical sync monitor
39
O
Vertical sync monitor pass-thru output
output
6, 12, 13,
Ground reference pin for analog signals. Internally these pins connect to DGND. Although it
AGND
26, 30, 34,
I
is recommended to have the AGND and DGND connected to the proper signals for best
37, 47
results.
29, 33, 38,
I
Analog positive power-supply input pins
– connect to 2.7 V to 5 V. Must be equal to or
+VA
48
greater than VDD.
VDD
22
I
Digital positive supply pin for I2C circuitry and HV sync outputs
– connect to 2.7 V to 5 V.
DGND
23
I
Digital GND pin for HV circuitry and I2C circuitry.
Defaults to 1.45V (TTL compatible). Connect to external voltage reference to adjust HV sync
Schmitt trigger adjust
14
I
input thresholds from 0.9-V to 2-V range.
Copyright
© 2006–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com