Electronic Components Datasheet Search
  English  ▼

X  

THS7327PHPR Datasheet(PDF) 8 Page - Texas Instruments

Part # THS7327PHPR
Description  3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru, 2:1 Input MUX, and Selectable Input Bias Modes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7327PHPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS7327PHPR Datasheet HTML 4Page - Texas Instruments THS7327PHPR Datasheet HTML 5Page - Texas Instruments THS7327PHPR Datasheet HTML 6Page - Texas Instruments THS7327PHPR Datasheet HTML 7Page - Texas Instruments THS7327PHPR Datasheet HTML 8Page - Texas Instruments THS7327PHPR Datasheet HTML 9Page - Texas Instruments THS7327PHPR Datasheet HTML 10Page - Texas Instruments THS7327PHPR Datasheet HTML 11Page - Texas Instruments THS7327PHPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
THS7327
SLOS502C
– SEPTEMBER 2006 – REVISED OCTOBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS, VA = VDD = 5 V (continued)
RL = 150 Ω || 5 pF to GND for monitor output, 19 kΩ || 8 pF load to GND for ADC buffer, ADC buffer filter = 9 MHz, and SAG
pin shorted to monitor output pin (unless otherwise noted).
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0
°C to
–40°C to
MIN/MAX/
+25
°C
+25
°C
UNITS
+70
°C
+85
°C
TYP
AC PERFORMANCE (continued)
Filter select = 9 MHz: at 5 MHz
–58
dB
Typ
Filter select = 16 MHz: at 10 MHz
–65
dB
Typ
Buffer output
Filter select = 35 MHz: at 27 MHz
–58
dB
Typ
Channel-to-channel
crosstalk
Filter select = 75 MHz: at 60 MHz
–58
dB
Typ
Filter select = bypass: at 100 MHz
–47
dB
Typ
Monitor output
F = 100 MHz
–35
dB
Typ
Filter select = 9 MHz: at 5.5 MHz
65
dB
Typ
Filter select = 16 MHz: at 11 MHz
65
dB
Typ
Buffer output
MUX isolation
Filter select = 35 MHz: at 27 MHz
65
dB
Typ
Filter select = bypass: at 60 MHz
65
dB
Typ
Monitor output
f = 100 MHz
66
dB
Typ
Buffer output
f = 100 kHz; VO = 1 VPP
0
dB
Typ
Gain
Monitor output
f = 100 kHz; VO = 2 VPP
6
5.8/6.25
5.75/6.3
5.75/6.35
dB
Min/Max
Buffer output
6
ns
Typ
Settling time
VIN = 1 VPP; 0.5% settling
Monitor output
6
ns
Typ
Buffer output
f = 10 MHz
2
Ω
Typ
Output impedance
Monitor output
f = 10 MHz
0.4
Ω
Typ
DC PERFORMANCE
Buffer output
Bias = dc, filter = 16 MHz
50
120
125
125
mV
Max
Output offset voltage
Monitor output
Bias = dc
5
80
85
85
mV
Max
Buffer output
Bias = dc
20
μV/°C
Typ
Average offset voltage
drift
Monitor output
Bias = dc
20
μV/°C
Typ
Bias = dc + shift, VIN = 0 V
345
265/450
255/455
250/460
mV
Min/Max
Buffer output
Bias = ac-bias
1.55
1.4/1.7
1.35/1.75
1.35/1.75
V
Min/Max
Bias output voltage
Bias = dc + shift, VIN = 0 V
230
150/340
145/345
140/350
mV
Min/Max
Monitor output
Bias = ac-bias
2.65
2.5/2.8
2.45/2.85
2.45/2.85
V
Min/Max
Buffer output
350
265/500
260/505
255/510
mV
Min/Max
Sync tip clamp output
Bias = ac STC, clamp voltage
voltage
Monitor output
305
210/400
205/405
200/410
mV
Min/Max
Input bias current
Bias = dc
– implies Ib out of the pin
–1.4
–3
–3.5
–3.5
μA
Max
Average bias current drift
Bias = dc
10
nA/
°C
Typ
Bias = ac STC, low bias
2.45
1/3.9
0.9/4
0.8/4.1
μA
Min/Max
Sync tip clamp bias current
Bias = ac STC, mid bias
6.35
4.3/8.4
4.1/8.6
4/8.7
μA
Min/Max
Bias = ac STC, high bias
8.75
6.4/11.2
6.2/11.4
6.1/11.5
μA
Min/Max
INPUT CHARACTERISTICS
Input voltage range
Bias = dc
0/2.5
0/2.45
0/2.4
0/2.4
V
Typ
Bias = ac-bias mode
20
k
Ω
Typ
Input resistance
Bias = dc, dc + shift, ac STC
3
M
Ω
Typ
Input capacitance
2
pF
Typ
OUTPUT CHARACTERISTICS
– MONITOR OUTPUT
RL = 150 Ω to 2.5 V
4.8
4.65
4.6
4.6
V
Min
RL = 150 Ω to GND
4.7
4.55
4.5
4.5
V
Min
High output voltage swing
RL = 75 Ω to 2.5 V
4.7
V
Min
RL = 75 Ω to GND
4.6
V
Min
RL = 150 Ω to 2.5 V
0.19
0.25
0.28
0.3
V
Min
RL = 150 Ω to GND
0.11
0.19
0.23
0.24
V
Min
Low output voltage swing
RL = 75 Ω to 2.5 V
0.24
V
Min
RL = 75 Ω to GND
0.085
V
Min
Sourcing
RL = 10 Ω to 2.5 V
110
85
80
75
mA
Min
Output current
Sinking
RL = 10 Ω to 2.5 V
115
85
80
75
mA
Min
8
Copyright
© 2006–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com