Electronic Components Datasheet Search
  English  ▼

X  

P2MR Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # P2MR
Description  6W AC-DC Reliable Green Medical Adaptor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

P2MR Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  P2MR Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. P2MR Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. P2MR Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. P2MR Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. P2MR Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Derating Curve
Static Characteristics
Mechanical Specification
19
0.5
±
66
1
±
32
1
±
42.5
1
±
62.5
1
±
13.6
4
ψ
18.3
18
19.8
34.5 1
±
Name Plate
UL2468 22AWG 1220 +150/-0mm for 5~9V
UL2468 24AWG 1830 +150/-0mm for 12~24V
85
100
110
135
155
264
230
100
90
80
70
60
50
40
INPUT VOLTAGE (V) 60Hz
010
20
30
50
40
70
100
AMBIENT TEMPERATURE (
)
℃
6W AC-DC Reliable Green Medical Adaptor
GSM06E series
File Name:GSM06E-SPEC 2018-01-15
2 pole EURO plug



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com