Electronic Components Datasheet Search
  English  ▼

X  

P2MR Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # P2MR
Description  6W AC-DC Reliable Green Medical Adaptor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

P2MR Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  P2MR Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. P2MR Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. P2MR Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. P2MR Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. P2MR Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6W AC-DC Reliable Green Medical Adaptor
GSM06E series
File Name:GSM06E-SPEC 2018-01-15
•Blood glucose meter
•Blood pressure meter
•Nebulizer
•Inhaler
•Portable medical device
■ Model Encoding
-
E05
GSM
P1J
06
Series name
Rated wattage
European 2 pin AC plug
Output voltage
DC plug type
{
product is equipped with a 2-pin (no FG) standard European power plug, adopting the input range from
85VAC to 264VAC. The entire series supplies different output voltages between 5VDC and 24VDC that
can satisfy the demands for various kinds of miniature medical devices. The circuitry design meets the
international medical standards (2 x MOPP), having an ultra low leakage current (<50 A), fitting the medical
μ
devices in direct electrical contact with the patients.
With the efficiency up to 82% and the extreme low no-load power consumption below 0.3W. GSM06E is
compliant with EU ErP. The supreme feature allows the adaptor to save the energy when it is either under
the operating mode or the standby mode. The entire series utilizes the 94V-0 flame retardant plastic
case, providing the double insulation that effectively prevents electrical shock. GSM06E is approved
with the international medical safety certificates.
■ Description
GSM06E is a highly reliable, 6W wall-mounted style single-output green medical adaptor series. This
P1J : Plug for standard model, 2.1
5.5
11mm, c+, tuning fork type
ψψ
××
Other options available by customer requested (see Page 4~5)
EN 60601-1
IEC 60601-1
8
EN60601-1
■ Features
■ Applications
+
+
•2 pole EURO plug , Class power unit
Ⅱ
•Medical safety approved (2 x MOPP) accroding to
EN60601-1
•Extremely low leakage current
•No load power consumption< 0.3W
•Energy efficiency Level Ⅴ
•Protections: Short circuit / Overload / Over voltage
•Fully enclosed plastic case
•3 years warranty


Similar Description - P2MR

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSM06E MEANWELL-GSM06E Datasheet
480Kb / 5P
6W AC-DC Reliable Green Medical Adaptor
GSM06U MEANWELL-GSM06U Datasheet
475Kb / 5P
6W AC-DC Reliable Green Medical Adaptor
GSM40B MEANWELL-GSM40B Datasheet
871Kb / 5P
40W AC-DC Reliable Green Medical Adaptor
GSM90A MEANWELL-GSM90A Datasheet
789Kb / 5P
90W AC-DC Reliable Green Medical Adaptor
GSM120A MEANWELL-GSM120A Datasheet
740Kb / 5P
120W AC-DC Reliable Green Medical Adaptor
GSM160A MEANWELL-GSM160A Datasheet
760Kb / 5P
160W AC-DC Reliable Green Medical Adaptor
GSM220A MEANWELL-GSM220A Datasheet
770Kb / 5P
220W AC-DC Reliable Green Medical Adaptor
GSM12E MEANWELL-GSM12E Datasheet
497Kb / 5P
12W AC-DC Reliable Green Medical Adaptor
GSM12U MEANWELL-GSM12U Datasheet
488Kb / 5P
12W AC-DC Reliable Green Medical Adaptor
GEM06I MEANWELL-GEM06I Datasheet
545Kb / 6P
6W AC-DC Reliable Green Interchangeable Medical Adaptor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com