Electronic Components Datasheet Search
  English  ▼

X  

P2MR Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # P2MR
Description  6W AC-DC Reliable Green Medical Adaptor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

P2MR Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  P2MR Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. P2MR Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. P2MR Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. P2MR Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. P2MR Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
6W AC-DC Reliable Green Medical Adaptor
GSM06E series
File Name:GSM06E-SPEC 2018-01-15
Inside
Outside
DC output plug
◎ Standard plug: P1J
◎
P1J
2.1
5.5
Pin Assignment
C"+"
◎ Optional DC plug:
◎
11 0.5mm
±
P2I
P2J
P2L
P2M
5.5
5.5
5.5
5.5
2.1
2.1
2.5
2.5
P1IR
P1JR
P1LR
P1MR
5.5
5.5
5.5
5.5
2.1
2.1
2.5
2.5
9.5
9.5
P2IR
P2JR
P2LR
P2MR
5.5
5.5
5.5
5.5
2.1
2.1
2.5
2.5
5.53
5.53
5.53
5.53
2.03
2.54
2.03
2.54
12.06
12.06
9.52
9.52
Type No.
A
B
C
OD
ID
L
P1I
P1L
P1M
5.5
5.5
5.5
2.1
2.5
2.5
9.5
9.5
Type No.
A
B
C
OD
ID
L
Type No.
A
B
C
OD
ID
L
Type No.
P3C
0.7
11.0
2.35
A
B
C
OD
ID
L
1.7
11.0
4.0
1.7
11.0
4.75
P3A
P3B
11.0
11.0
11.0
9.5
9.5
9.5
11.0
9.5
11.0
11.0
11.0
P2S(S761K)
P2K(761K)
P2C(S760K)
P2D(760K)
Tuning Fork Style
Barrel Style
Lock Style
Min. Pin Style
B
A
A
B
C
(Straight)
C
(Right-angled)
C
(Straight)
C
(Right-angled)
A
B
C
Locking
SWITCHCRAFT original or equivalent
B
A
C
EIAJ equivalent
Unit:mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com