Electronic Components Datasheet Search
  English  ▼

X  

TLV760 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV760
Description  TLV760 100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV760 Datasheet(HTML) 1 Page - Texas Instruments

  TLV760 Datasheet HTML 1Page - Texas Instruments TLV760 Datasheet HTML 2Page - Texas Instruments TLV760 Datasheet HTML 3Page - Texas Instruments TLV760 Datasheet HTML 4Page - Texas Instruments TLV760 Datasheet HTML 5Page - Texas Instruments TLV760 Datasheet HTML 6Page - Texas Instruments TLV760 Datasheet HTML 7Page - Texas Instruments TLV760 Datasheet HTML 8Page - Texas Instruments TLV760 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TLV760
IN
OUT
GND
COUT
CIN
VIN = 5 V
VOUT = 3.3 V
0.1 µF
0.1 µF
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV760
SNVSAV1A – JUNE 2017 – REVISED OCTOBER 2017
TLV760 100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
1
1 Features
1
•
Wide Input Voltage Range up to 30 V
•
Output Current up to 100 mA
•
Available in Fixed Output Voltage 3.3-V, 5-V, 12-V
and 15-V Versions
•
Operating Junction Temperature
−40°C to +125°C
•
Stable With Ceramic Capacitors Greater Than or
Equal to 0.1 µF
•
Active Thermal Protection and Current Limit
2 Applications
•
Post Regulator for Switching DC-DC Converter
•
Bias Supply for Digital and Analog Circuits
•
Home Appliances
•
Power Tools
•
Factory and Building Automation
3 Description
The TLV760 is an integrated linear-voltage regulator
featuring operation from an input as high as 30 V.
The TLV760 has a maximum dropout of 1.2 V at the
full 100-mA load across operating temperature.
Standard packaging for the TLV760 is the 3-pin SOT-
23 package.
The TLV760 is available in 3.3 V, 5 V, 12 V and 15 V.
The SOT-23 packaging of the TLV760 series allows
the
device
to
be
used
in
space-constrained
applications. The TLV760 is a small size alternative
to LM78Lxx series and similar devices.
The TLV760 is designed to bias digital and analog
circuits in applications that are subject to voltage
transients and spikes up to 30 V — for example,
appliances and automation applications. The device
has robust internal thermal protection, which protects
itself from potential damage caused by conditions like
short to ground, increases in ambient temperature,
high load, or high dropout events.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV760
SOT-23 (3)
2.92 mm × 1.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
space
Typical Application Circuit


Similar Part No. - TLV760

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV760 TI1-TLV760 Datasheet
1Mb / 25P
100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
TLV76012DBZR TI1-TLV76012DBZR Datasheet
1Mb / 25P
100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
TLV76012DBZT TI1-TLV76012DBZT Datasheet
1Mb / 25P
100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
TLV76015DBZR TI1-TLV76015DBZR Datasheet
1Mb / 25P
100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
TLV76015DBZT TI1-TLV76015DBZT Datasheet
1Mb / 25P
100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
More results

Similar Description - TLV760

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4678 INFINEON-TLE4678 Datasheet
642Kb / 31P
Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.1, August 2009
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
logo
Texas Instruments
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TLV760 TI1-TLV760 Datasheet
1Mb / 25P
100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
logo
ON Semiconductor
NCP781 ONSEMI-NCP781 Datasheet
168Kb / 14P
150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
logo
Texas Instruments
TLV761 TI1-TLV761 Datasheet
304Kb / 16P
TLV761 16-V,1-A, Fixed Output Linear Voltage Regulator
logo
Infineon Technologies A...
TLE4678-2LD INFINEON-TLE4678-2LD Datasheet
2Mb / 33P
Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2014-03-03
TLE4699GM INFINEON-TLE4699GM Datasheet
1Mb / 31P
Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
logo
Texas Instruments
TLV761 TI-TLV761_V01 Datasheet
362Kb / 15P
TLV761 16-V,1-A, Fixed Output Linear Voltage Regulator
FEBRUARY 2020
LM78L TI1-LM78L Datasheet
1Mb / 35P
LM78L 100-mA Fixed Output Linear Regulator
JUNE 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com