Electronic Components Datasheet Search
  English  ▼

X  

TLV760 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV760
Description  TLV760 100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV760 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV760 Datasheet HTML 6Page - Texas Instruments TLV760 Datasheet HTML 7Page - Texas Instruments TLV760 Datasheet HTML 8Page - Texas Instruments TLV760 Datasheet HTML 9Page - Texas Instruments TLV760 Datasheet HTML 10Page - Texas Instruments TLV760 Datasheet HTML 11Page - Texas Instruments TLV760 Datasheet HTML 12Page - Texas Instruments TLV760 Datasheet HTML 13Page - Texas Instruments TLV760 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
TLV760
SNVSAV1A – JUNE 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TLV760
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Dropout Voltage
The TLV760 is a bipolar device with quasi LDO architecture. Being a bipolar device the dropout voltage of the
device does not change significantly with output load current. The device has a maximum dropout across
temperature of 1.2 V at 100-mA load current, which is a significant improvement over the traditional LM78Lxx
devices.
7.4 Device Functional Modes
7.4.1 Normal Operation
The TLV760 operates with an input up to 30 V. Its tiny SOT-23 package and quasi-LDO architecture makes it
suitable for providing a very tiny 100-mA bias supply. The device regulates to the nominal output voltage when
all of the following conditions are met.
•
The input voltage is greater than the nominal output voltage plus the dropout voltage (VOUT(NOM) + VDO).
•
The output current is less than or equal to 100 mA.
•
The device junction temperature is less than the thermal protection temperature of 150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com