Electronic Components Datasheet Search
  English  ▼

X  

ISO7240CDWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CDWR
Description  QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CDWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7240CDWR Datasheet HTML 5Page - Texas Instruments ISO7240CDWR Datasheet HTML 6Page - Texas Instruments ISO7240CDWR Datasheet HTML 7Page - Texas Instruments ISO7240CDWR Datasheet HTML 8Page - Texas Instruments ISO7240CDWR Datasheet HTML 9Page - Texas Instruments ISO7240CDWR Datasheet HTML 10Page - Texas Instruments ISO7240CDWR Datasheet HTML 11Page - Texas Instruments ISO7240CDWR Datasheet HTML 12Page - Texas Instruments ISO7240CDWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ISO7240
ISO7241
ISO7242
SLLS868A – SEPTEMBER 2007 – REVISED DECEMBER 2007
VCC1 at 3.3-V, VCC2 at 5-V operation, over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
ISO7240A/C/M
Quiescent
0.5
1
ISO7240A
1 Mbps
VI = VCC or 0 V, All channels, no load, EN2 at 3 V
1
2
mA
ISO7240C/M
25 Mbps
3
5
ISO7241A/C/M
Quiescent
4
7
VI = VCC or 0 V, All channels, no load, EN1 at 3 V,
ICC1
ISO7241A
1 Mbps
4
7
mA
EN2 at 3 V
ISO7241C/M
25 Mbps
6.5
11
ISO7242A/C/M
Quiescent
6
10
VI = VCC or 0 V, All channels, no load, EN1 at 3 V,
ISO7242A
1 Mbps
6
10
mA
EN2 at 3 V
ISO7242C/M
25 Mbps
9
14
ISO7240A/C/M
Quiescent
15
22
ISO7240A
1 Mbps
VI = VCC or 0 V, All channels, no load, EN2 at 3 V
16
22
mA
ISO7240C/M
25 Mbps
17
25
ISO7241A/C/M
Quiescent
13
20
VI = VCC or 0 V, All channels, no load, EN1 at 3 V,
ICC2
ISO7241A
1 Mbps
13
20
mA
EN2 at 3 V
ISO7241C/M
25 Mbps
18
28
ISO7242A/C/M
Quiescent
10
16
VI = VCC or 0 V, All channels, no load, EN1 at 3 V,
ISO7242A
1 Mbps
10
16
mA
EN2 at 3 V
ISO7242C/M
25 Mbps
15
24
ELECTRICAL CHARACTERISTICS
IOFF
Sleep mode output current
EN at VCC, Single channel
0
µA
ISO7240
VCC – 0.4
IOH = –4 mA, See Figure 1
ISO724x
VCC – 0.8
VOH
High-level output voltage
V
(5-V side)
IOH = –20 µA, See Figure 1
VCC – 0.1
IOL = 4 mA, See Figure 1
0.4
VOL
Low-level output voltage
V
IOL = 20 µA, See Figure 1
0.1
VI(HYS)
Input voltage hysteresis
150
mV
IIH
High-level input current
10
IN from 0 V to VCC
µA
IIL
Low-level input current
–10
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
2
pF
Common-mode transient
VI = VCC or 0 V, See Figure 4
CMTI
25
50
kV/
µs
immunity
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ISO7240 ISO7241 ISO7242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com