Electronic Components Datasheet Search
  English  ▼

X  

ISO7240CDWR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CDWR
Description  QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CDWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO7240CDWR Datasheet HTML 14Page - Texas Instruments ISO7240CDWR Datasheet HTML 15Page - Texas Instruments ISO7240CDWR Datasheet HTML 16Page - Texas Instruments ISO7240CDWR Datasheet HTML 17Page - Texas Instruments ISO7240CDWR Datasheet HTML 18Page - Texas Instruments ISO7240CDWR Datasheet HTML 19Page - Texas Instruments ISO7240CDWR Datasheet HTML 20Page - Texas Instruments ISO7240CDWR Datasheet HTML 21Page - Texas Instruments ISO7240CDWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
www.ti.com
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
V -OutputVoltage-V
O
V
=5V
CC
V
=3.3V
CC
Load=15pF,
T =25 C
A
°
0
10
20
30
40
50
0
2
4
6
V -OutputVoltage-V
O
V
=5V
CC
V
=3.3V
CC
Load=15pF,
T =25 C
A
°
ISO7240
ISO7241
ISO7242
SLLS868A – SEPTEMBER 2007 – REVISED DECEMBER 2007
TYPICAL CHARACTERISTIC CURVES (continued)
HIGH-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
vs
vs
HIGH-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
Figure 12.
Figure 13.
18
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ISO7240 ISO7241 ISO7242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com