Electronic Components Datasheet Search
  English  ▼

X  

ISO7240CDWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CDWR
Description  QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CDWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7240CDWR Datasheet HTML 6Page - Texas Instruments ISO7240CDWR Datasheet HTML 7Page - Texas Instruments ISO7240CDWR Datasheet HTML 8Page - Texas Instruments ISO7240CDWR Datasheet HTML 9Page - Texas Instruments ISO7240CDWR Datasheet HTML 10Page - Texas Instruments ISO7240CDWR Datasheet HTML 11Page - Texas Instruments ISO7240CDWR Datasheet HTML 12Page - Texas Instruments ISO7240CDWR Datasheet HTML 13Page - Texas Instruments ISO7240CDWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
ISO7240
ISO7241
ISO7242
SLLS868A – SEPTEMBER 2007 – REVISED DECEMBER 2007
VCC1 at 3.3-V and VCC2 at 5-V operation, over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay
40
100
ISO724xA
PWD
Pulse-width distortion(1) |tPHL – tPLH|
11
ns
tPLH, tPHL
Propagation delay
22
51
ISO724xC
See Figure 1
PWD
Pulse-width distortion(1) |tPHL – tPLH|
3
tPLH, tPHL
Propagation delay
12
30
ISO724xM
ns
PWD
1
2
Pulse-width distortion(1) |tPHL – tPLH|
ISO724xA/C
2.5
tsk(o)
Channel-to-channel output skew (2)
ns
ISO724xM
0
1
tr
Output signal rise time
2
See Figure 1
ns
tf
Output signal fall time
2
tPHZ
Propagation delay, high-level-to-high-impedance output
15
20
tPZH
Propagation delay, high-impedance-to-high-level output
15
20
See Figure 2
ns
tPLZ
Propagation delay, low-level-to-high-impedance output
15
20
tPZL
Propagation delay, high-impedance-to-low-level output
15
20
tfs
Failsafe output delay time from input power loss
See Figure 3
12
µs
150 Mbps NRZ data input, Same polarity
tjit(pp)
Peak-to-peak eye-pattern jitter
ISO724xM
1
ns
input on all channels, See Figure 5
(1)
Also known as pulse skew
(2)
tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the
same direction while driving identical specified loads.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ISO7240 ISO7241 ISO7242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com