Electronic Components Datasheet Search
  English  ▼

X  

EGH2016AFB Datasheet(PDF) 55 Page - Eaton All Rights Reserved.

Part # EGH2016AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGH2016AFB Datasheet(HTML) 55 Page - Eaton All Rights Reserved.

Back Button EGH2016AFB Datasheet HTML 51Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 52Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 53Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 54Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 55Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 56Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 57Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 58Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 59Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-55
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.3
Circuit Protection
Rotary Disconnect Switches
Product Selection
Front and Right Side Operation
Note
1 100 kA short-circuit rating.
Ampere Rating
(Frame)
(Fuse Class)
Number
of Poles
Switch
Body Only
Direct
Handle
External Selector
Handle
(Choose One)
Shaft Extension for
Selector Handle Only
(Choose One)
External Front
Pistol Handle
External Right
Side Pistol Handle
30
Compact
(H Frame) (CC)
3
R4H3030FCC
DHR9HC
Black
1,3R,12
SHB0N12HV
Red
1,3R,12
SHR0N12HV
Black
4,4X
SHB0N4XHV
Red
4,4X
SHR0N4XHV
7.90 (200.0)
SF200SH5X5H
Black
1,3R,12
PHB1N12F
Red
1,3R,12
PHR1N12F
Black
4,4X
PHB1N4XF
Red
4,4X
PHR1N4XF
Black
4,4X
(w/ TEST Position)
PHB1N4XFT
Red
4,4X
(w/ TEST Position)
PHR1N4XFT
—
30
(H Frame) (CC)
3 + switched neutral
R4H3030FCCSN
12.60 320.0)
SF320SH5X5H
30
Compact
(H Frame) (J)
3
R4H3030FJ
DHR9HJ
15.70 (400.0)
SF400SH5X5H
30
(H Frame) (J)
3 + switched neutral
R4H3030FJSN
30
(I Frame) (CC)
3
R9I3030FCC
DHR9J2M
——
4
R9I4030FCC
30
(J Frame) (J)
2
R9J2030FJ
Black
4, 4X
PHB1N4XS
Red
4, 4X
PHR1N4XS
3
R9J3030FJ
4
R9J4030FJ
60 1
(J Frame) (J)
2
R9J2060FJ
3
R9J3060FJ
4
R9J4060FJ
+
++
Switch body
Direct handle
Switch body
Shaft
External handle
+
+
+
Direct Operation
External Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com