Electronic Components Datasheet Search
  English  ▼

X  

EGH2016AFB Datasheet(PDF) 9 Page - Eaton All Rights Reserved.

Part # EGH2016AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGH2016AFB Datasheet(HTML) 9 Page - Eaton All Rights Reserved.

Back Button EGH2016AFB Datasheet HTML 5Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 6Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 7Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 8Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 9Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 10Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 11Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 12Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 13Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-9
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
JG Frame—600 Vac Maximum, 250 Vdc Maximum
LG Frame—600 Vac Maximum, 250 Vdc Maximum
Continuous
Amperes
MCP Trip Range
Amperes
MCP
Catalog Number
250
500–1000
HMCPJ250D5L
625–1250
HMCPJ250F5L
750–1500
HMCPJ250G5L
875–1750
HMCPJ250J5L
1000–2000
HMCPJ250K5L
1125–2250
HMCPJ250L5L
1250–2500
HMCPJ250W5L
Continuous
Amperes
MCP Trip Range
Amperes
MCP
Catalog Number
600
1250–2500
HMCPL600L6G
1500–3000
HMCPL600N6G
1750–3500
HMCPL600R6G
2000–4000
HMCPL600X6G
2250–4500
HMCPL600Y6G
2500–5000
HMCPL600P6G
3000–6000
HMCPL600M6G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com