Electronic Components Datasheet Search
  English  ▼

X  

EGH2016AFB Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # EGH2016AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGH2016AFB Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  EGH2016AFB Datasheet HTML 1Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 2Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 3Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 4Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 5Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 6Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 7Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 8Page - Eaton All Rights Reserved. EGH2016AFB Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
V9-T1-4
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Circuit Breaker Selection Guide, continued
For our complete product offering, see Volume 4—Circuit Protection, CA08100005E.
Description
Series NRX
Low Voltage Power Breakers
Magnum
Low Voltage Power Breakers
Page V9-T1-33
Page V9-T1-36
General Applications
Solution for where space is at a premium or when
equipment dimensions are critical when upgrading
or retrofitting current systems. Offering the power
and performance of a power breaker in the compact
size of a molded case breaker. With its reduced
weight and compact dimensions, you can mount
two times as many feeder breakers and reduce the
overall enclosure density up to 50%.
Enables comprehensive solutions to meet and
exceed the unique and wide-ranging requirements
of today’s global power distribution systems.
Designed and engineered for ultimate custom
configuration and application flexibility in metal
enclosed switchgear and power distribution
enclosures.
Technical Data
Maximum current rating
630–1600A
800–6300A
Maximum voltage—AC
220–690 Vac
Up to 690 Vac
Maximum voltage—DC
—
—
Poles
3, 4
3, 4
Max. interrupting capacities
See individual catalogs for limitations
and back-up protection requirements.
65 kAIC at 480 Vac
Max. withstand capacities 42 kAIC
200 kA at 480 Vac
Max. withstand capacities
100 kAIC
CL fuseless 200 kA at 635 Vac with integral limiters
Approvals
UL 1006 Component
UL 489 Component
IEC 60947-2
UL 1066
IEC 60947-2
KEMA
Environmental Data
Humidity
—
—
Shock
—
—
Vibration
—
—
Operating temperature
–25° to 70°C
–25° to 70°C
Dielectric strength
—
—
Insulation resistance
—
—
Endurance/life
10,000 electrical operations
20,000 mechanical operations
—
Approximate weight
Three-pole breaker + cassette—85 lbs (39 kg)
Three-pole breaker—53 lbs (24 kg)
Four-pole breaker + cassette—104 lbs (47 kg)
Four-pole breaker—67 lbs (30 kg)
—
Mounting configuration
Rear-connected, front-connected,
surface mounting, mounting bracket,
fixed, drawout breaker with cassette
Fixed or drawout with cassette rear-connected, front-
connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com