Electronic Components Datasheet Search
  English  ▼

X  

2701781 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2701781
Description  CSD-SL 200 WH - Signal light
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2701781 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2701781 Datasheet HTML 1Page - PHOENIX CONTACT 2701781 Datasheet HTML 2Page - PHOENIX CONTACT 2701781 Datasheet HTML 3Page - PHOENIX CONTACT 2701781 Datasheet HTML 4Page - PHOENIX CONTACT 2701781 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Color class
C2 (EN 12966)
Luminance
L3 (EN 12966)
Luminance ratio
R3 (EN 12966)
Phantom light class
5 (EN 12368)
Luminous intensity
7300 Cd
Can be dimmed
Yes, in 256 steps
10.5 °
Emission angle
4.5 °
Diagnostic messages
Diagnostics
LEDs; temperature, current, voltage, etc.
Message
yes
Diagnostic messages
Diagnostics
Mains failure, communication failure
Message
yes
Dimensions
Depth
66 mm
Diameter
174 mm
Material specifications
Color
black (RAL 9005)
Material Housing
Aluminum die-cast in accordance with DIN EN 1706
Material Cover pane
Glass
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-25 °C ... 55 °C
Degree of protection
IP65/IP67 (When installed)
Air pressure (operation)
70 hPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 hPa ... 106 kPa (up to 3000 m above sea level)
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Mounting
Screw mounting
Mounting type
Snap-on assembly
Mounting position
vertical
CSD-SL 200 WH - Signal light
2701781
https://www.phoenixcontact.com/us/products/2701781
Aug 25, 2025, 5:42AM
Page 3 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com