Electronic Components Datasheet Search
  English  ▼

X  

2701781 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2701781
Description  CSD-SL 200 WH - Signal light
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2701781 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2701781 Datasheet HTML 1Page - PHOENIX CONTACT 2701781 Datasheet HTML 2Page - PHOENIX CONTACT 2701781 Datasheet HTML 3Page - PHOENIX CONTACT 2701781 Datasheet HTML 4Page - PHOENIX CONTACT 2701781 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Signal light, 24 V DC, IALA white, optimum, emission angle (vertical/Horizontal): 10.5 °/4.5 °,
diameter: 174 mm, degree of protection: IP65/IP67, Communication interface
Product description
The signal light is designed for use in light signal systems (e.g., lock systems, movable bridges on inland waterways, etc.). The use of safety-related
autonomous monitoring functions ensures high availability. Only components that conform to the industry standard are used for the monitoring
functions. The signal light is available in various standardized light colors. The communication interface provides you with a large amount of
diagnostic and status information.
Your advantages
Developed in accordance with EN 12966-1, IALA recommendation E200-1
•
400 m connection to the control unit via fieldbus
•
Diagnostic capability
•
Failsafe function
•
High light and color intensity
•
Application-specific programming supported
•
Particularly economical thanks to energy-efficient LED technology and an LED service life of at least 50000 h
•
Durable and energy-saving LED technology
•
Fieldbus communication
•
Can be dimmed in 256 steps
•
Commercial data
Item number
2701781
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
DRL121
GTIN
4046356863834
Weight per piece (including packing)
1,710 g
Weight per piece (excluding packing)
1,727 g
Country of origin
DE
CSD-SL 200 WH - Signal light
2701781
https://www.phoenixcontact.com/us/products/2701781
Aug 25, 2025, 5:42AM
Page 1 (5)


Similar Part No. - 2701781

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701782 PHOENIX-2701782 Datasheet
188Kb / 5P
CSD-SL 200 GN - Signal light
2701783 PHOENIX-2701783 Datasheet
188Kb / 5P
CSD-SL 200 YE - Signal light
2701784 PHOENIX-2701784 Datasheet
188Kb / 5P
CSD-SL 200 RD - Signal light
2701785 PHOENIX-2701785 Datasheet
188Kb / 5P
CSD-SL 300 WH - Signal light
2701786 PHOENIX-2701786 Datasheet
188Kb / 5P
CSD-SL 300 GN - Signal light
More results

Similar Description - 2701781

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSD-5224T9 CHINASEMI-CSD-5224T9 Datasheet
171Kb / 5P
CSD-5224T9
logo
Rectron Semiconductor
BAV21W RECTRON-BAV21W Datasheet
153Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 200 Volts CURRENT 200 mAmpere
logo
Ohmite Mfg. Co.
WHA10RFE-T OHMITE-WHA10RFE-T Datasheet
168Kb / 2P
WH precision series
logo
Cooper Bussmann, Inc.
CC3-SMA COOPER-CC3-SMA Datasheet
254Kb / 1P
CSD-SMA-2500 Surge Diverter
logo
Littelfuse
00720000 LITTELFUSE-00720000 Datasheet
323Kb / 2P
The mechanical switches signal many different situations that may occur on commercial vehiches: power takeoff signal light, Idle and reverse gear signal light, Inserted fifth gear signal light, etc
logo
PHOENIX CONTACT
1212550 PHOENIX-1212550 Datasheet
49Kb / 3P
Screwdriver - SF-SL 0,6X3,5-200
3045075 PHOENIX-3045075 Datasheet
162Kb / 6P
UT 2,5 WH
3045198 PHOENIX-3045198 Datasheet
144Kb / 6P
UT 6 WH
3046317 PHOENIX-3046317 Datasheet
143Kb / 6P
UT 10 WH
logo
Schneider Electric
ZB4FLCUST02 SCHNEIDER-ZB4FLCUST02 Datasheet
74Kb / 1P
FLUSH WH PROJECTING PB HEAD WH MARKED O
Oct 8, 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com