Electronic Components Datasheet Search
  English  ▼

X  

2701781 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2701781
Description  CSD-SL 200 WH - Signal light
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2701781 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2701781 Datasheet HTML 1Page - PHOENIX CONTACT 2701781 Datasheet HTML 2Page - PHOENIX CONTACT 2701781 Datasheet HTML 3Page - PHOENIX CONTACT 2701781 Datasheet HTML 4Page - PHOENIX CONTACT 2701781 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Notes
Note on application
Note on application
Only for industrial use
Utilization restriction
EMC note
EMC: class A product, see manufacturer's declaration in the
download area
Product properties
Product type
Signaling light
Inland navigation
Application
Transportation infrastructure
Mounting position
vertical
Design
Operating hours counter
Special properties
Communication interface
LEDs; temperature, current, voltage, etc. yes
Diagnostics messages
Mains failure, communication failure yes
Light color
IALA white, optimum
Electrical properties
General
Inrush current
max. 12 A (µ-sec-pulse)
Supply: Module electronics
Connection method
M12 connector
Number of positions
8
Supply voltage
24 V DC (DC)
Supply voltage range
19.2 V DC ... 30 V DC (DC)
Current consumption
max. 450 mA (white LEDs)
Power consumption
typ. 9 W (white LEDs)
Connection data
Connection method
M12 connector
Note on the connection method
Hybrid 8-pos. Y-coded for power and data
Signaling
Light properties
Source of light type
LED
Number of LEDs
8 (in accordance with IALA recommendation E200-1 and CIE
1931)
Light color
IALA white, optimum
Color temperature
5000 K ±1000 K
CSD-SL 200 WH - Signal light
2701781
https://www.phoenixcontact.com/us/products/2701781
Aug 25, 2025, 5:42AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com