Electronic Components Datasheet Search
  English  ▼

X  

TMP390 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP390
Description  TMP390 Ultra-Small, Dual-Channel (Hot and Cold Trip), 0.5-μA, Resistor- Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP390 Datasheet(HTML) 3 Page - Texas Instruments

  TMP390 Datasheet HTML 1Page - Texas Instruments TMP390 Datasheet HTML 2Page - Texas Instruments TMP390 Datasheet HTML 3Page - Texas Instruments TMP390 Datasheet HTML 4Page - Texas Instruments TMP390 Datasheet HTML 5Page - Texas Instruments TMP390 Datasheet HTML 6Page - Texas Instruments TMP390 Datasheet HTML 7Page - Texas Instruments TMP390 Datasheet HTML 8Page - Texas Instruments TMP390 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
5 Pin Configuration and Functions
1
SETA
6
OUTA
2
SETB
5
VDD
3
GND
4
OUTB
Not to scale
Figure 5-1. DRL Package 6-Pin SOT-563 Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
SETA
Input
Channel A temperature set point. Connect a standard E96, 1% resistance between SETA
and GND.
2
SETB
Input
Channel B temperature and Hysteresis set point. Connect a standard E96, 1% resistance
between SETB and GND.
3
GND
Ground
Device ground.
4
OUTB
Logic Output
Channel B logic open-drain active low output. If unused, the output can be left floating or
connected to GND.
5
VDD
Supply
Power supply voltage (1.62 V – 5.5 V).
6
OUTA
Logic Output
Channel A logic open-drain active low output. If unused, the output can be left floating or
connected to GND.
www.ti.com
TMP390
SBOS904A – MAY 2019 – REVISED AUGUST 2020
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMP390



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com