Electronic Components Datasheet Search
  English  ▼

X  

TMP390 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP390
Description  TMP390 Ultra-Small, Dual-Channel (Hot and Cold Trip), 0.5-μA, Resistor- Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP390 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP390 Datasheet HTML 4Page - Texas Instruments TMP390 Datasheet HTML 5Page - Texas Instruments TMP390 Datasheet HTML 6Page - Texas Instruments TMP390 Datasheet HTML 7Page - Texas Instruments TMP390 Datasheet HTML 8Page - Texas Instruments TMP390 Datasheet HTML 9Page - Texas Instruments TMP390 Datasheet HTML 10Page - Texas Instruments TMP390 Datasheet HTML 11Page - Texas Instruments TMP390 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Table 7-1. TMP390 Channel A Threshold Setting (continued)
CHANNEL A (HOT)
TRIP TEMPERATURE
(°C)
CHANNEL A NOMINAL 1%
RESISTORS (KΩ)
CHANNEL A (HOT) TRIP
RESET TEMPERATURE (°C) FOR
HYSTERESIS = 5°C
CHANNEL A (HOT) TRIP
RESET TEMPERATURE (°C) FOR
HYSTERESIS = 10°C
36
1.62
31
26
38
1.87
33
28
40
2.15
35
30
42
2.49
37
32
44
2.87
39
34
46
3.32
41
36
48
3.83
43
38
50
4.42
45
40
52
5.11
47
42
54
5.90
49
44
56
6.81
51
46
58
7.87
53
48
60
9.09
55
50
62
10.5
57
52
64
12.1
59
54
66
14.0
61
56
68
16.2
63
58
70
18.7
65
60
72
21.5
67
62
74
24.9
69
64
76
28.7
71
66
78
33.2
73
68
80
38.3
75
70
82
44.2
77
72
84
51.1
79
74
86
59.0
81
76
88
68.1
83
78
90
78.7
85
80
92
90.9
87
82
94
105
89
84
96
121
91
86
98
140
93
88
100
162
95
90
102
187
97
92
104
215
99
94
106
249
101
96
108
287
103
98
110
332
105
100
112
383
107
102
114
442
109
104
116
511
111
106
118
590
113
108
120
681
115
110
122
787
117
112
TMP390
SBOS904A – MAY 2019 – REVISED AUGUST 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP390



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com