Electronic Components Datasheet Search
  English  ▼

X  

SN74LS14 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS14
Description  Hex Schmitt-Trigger Inverters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS14 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LS14 Datasheet HTML 2Page - Texas Instruments SN74LS14 Datasheet HTML 3Page - Texas Instruments SN74LS14 Datasheet HTML 4Page - Texas Instruments SN74LS14 Datasheet HTML 5Page - Texas Instruments SN74LS14 Datasheet HTML 6Page - Texas Instruments SN74LS14 Datasheet HTML 7Page - Texas Instruments SN74LS14 Datasheet HTML 8Page - Texas Instruments SN74LS14 Datasheet HTML 9Page - Texas Instruments SN74LS14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
4.75
4.5
0.8
0.4
0.2
0
5
1.2
1.4
2.0
5.25
5.5
1.0
0.6
TA = 25 C
°
1.6
1.8
VT+ – VT– – Hysteresis – mV
Positive-Going Threshold Voltage, VT+
Negative-Going Threshold Voltage, VT–
4.5
0.8
0.4
0.2
0
1.2
1.4
2.0
1.0
0.6
1.6
1.8
4.75
5
5.25
5.5
TA = 25 C
°
VCC – Supply Voltage – V
–25
–50
–75
790
770
760
750
0
25
50
810
820
850
75
100
125
800
780
TA – Free-Air Temperature – C
°
VCC = 5 V
830
840
780
760
800
820
840
860
880
900
VT+ – VT– – Hysteresis – mV
VCC = 5 V
TA = 25 C
°
740
–25
–50
–75
1.64
1.62
1.61
1.60
0
25
50
1.66
1.67
1.70
75
100
125
1.65
1.63
TA – Free-Air Temperature – C
°
VCC = 5 V
1.68
1.69
–25
–50
–75
0.84
0.82
0.81
0.80
0
25
50
0.86
0.87
0.90
75
100
125
0.85
0.83
TA – Free-Air Temperature – C
°
VCC = 5 V
0.88
0.89
6
SN5414, SN54LS14, SN7414, SN74LS14
SDLS049C – DECEMBER 1983 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: SN5414 SN54LS14 SN7414 SN74LS14
Submit Documentation Feedback
Copyright © 1983–2016, Texas Instruments Incorporated
6.7 Typical Characteristics
6.7.1 SNx414 Circuits
Data for temperatures below 0°C and above 70°C and supply voltage below 4.75 V and above 5.25 V are
applicable for SN5414 only.
Figure 1. Positive-Going Threshold Voltage
vs Free-Air Temperature
Figure 2. Negative-Going Threshold Voltage
vs Free-Air Temperature
Figure 3. Hysteresis vs Free-Air Temperature
Figure 4. Distribution of Units for Hysteresis
Figure 5. Threshold Voltages vs Supply Voltage
Figure 6. Hysteresis vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com