Electronic Components Datasheet Search
  English  ▼

X  

SN74LS14 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS14
Description  Hex Schmitt-Trigger Inverters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS14 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LS14 Datasheet HTML 6Page - Texas Instruments SN74LS14 Datasheet HTML 7Page - Texas Instruments SN74LS14 Datasheet HTML 8Page - Texas Instruments SN74LS14 Datasheet HTML 9Page - Texas Instruments SN74LS14 Datasheet HTML 10Page - Texas Instruments SN74LS14 Datasheet HTML 11Page - Texas Instruments SN74LS14 Datasheet HTML 12Page - Texas Instruments SN74LS14 Datasheet HTML 13Page - Texas Instruments SN74LS14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
tPHZ
tPLZ
tPZL
tPZH
3 V
0 V
Output
Control
(low-level
enabling)
Waveform 1
Waveform 2
≈1.5 V
VOH – 0.5 V
VOL + 0.5 V
≈1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
VOH
VOL
10
SN5414, SN54LS14, SN7414, SN74LS14
SDLS049C – DECEMBER 1983 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: SN5414 SN54LS14 SN7414 SN74LS14
Submit Documentation Feedback
Copyright © 1983–2016, Texas Instruments Incorporated
Series SN5414 and SN7414 Devices (continued)
A.
CL includes probe and jig capacitance.
B.
All diodes are 1N3064 or equivalent.
C.
Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output
control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the
output control.
D.
S1 and S2 are closed for tPLH, tPHL, tPHZ, and tPLZ; S1 is open and S2 is closed for tPZH; S1 is closed and S2 is open
for tPZL.
E.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO ≈ 50 Ω ; tr and tf ≤ 7
ns for Series SN5414 and SN7414 devices and tr and tf ≤ 2.5 ns for Series SN54S14 and SN74S14 devices.
F.
The outputs are measured one at a time with one input transition per measurement.
Figure 20. Voltage Waveforms Enable and Disable Times, 3-State Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com