Electronic Components Datasheet Search
  English  ▼

X  

SN74LS14 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS14
Description  Hex Schmitt-Trigger Inverters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS14 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74LS14 Datasheet HTML 12Page - Texas Instruments SN74LS14 Datasheet HTML 13Page - Texas Instruments SN74LS14 Datasheet HTML 14Page - Texas Instruments SN74LS14 Datasheet HTML 15Page - Texas Instruments SN74LS14 Datasheet HTML 16Page - Texas Instruments SN74LS14 Datasheet HTML 17Page - Texas Instruments SN74LS14 Datasheet HTML 18Page - Texas Instruments SN74LS14 Datasheet HTML 19Page - Texas Instruments SN74LS14 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Open-Collector
Output
Input
Output
VT+
Input
Output
Point A
A
VT–
VT+
Input
Output
330
Ω
Input
0.1 Hz to 10 MHz
TTL System
CMOS
Sine-Wave
Oscillator
Input
Output
VT–
VT+
16
SN5414, SN54LS14, SN7414, SN74LS14
SDLS049C – DECEMBER 1983 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: SN5414 SN54LS14 SN7414 SN74LS14
Submit Documentation Feedback
Copyright © 1983–2016, Texas Instruments Incorporated
9.3 System Examples
Here are some examples of various applications using the SNx414 and SNx4LS14 device.
Figure 30. TTL System Interface For Slow Input
Waveforms
Figure 31. Pulse Shaper
Figure 32. Multivibrator
Figure 33. Threshold Detector
Figure 34. Pulse Stretcher



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com