Electronic Components Datasheet Search
  English  ▼

X  

TPD6F002 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPD6F002
Description  TPD6F002-Q1 Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD6F002 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD6F002 Datasheet HTML 2Page - Texas Instruments TPD6F002 Datasheet HTML 3Page - Texas Instruments TPD6F002 Datasheet HTML 4Page - Texas Instruments TPD6F002 Datasheet HTML 5Page - Texas Instruments TPD6F002 Datasheet HTML 6Page - Texas Instruments TPD6F002 Datasheet HTML 7Page - Texas Instruments TPD6F002 Datasheet HTML 8Page - Texas Instruments TPD6F002 Datasheet HTML 9Page - Texas Instruments TPD6F002 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
100
C2=17pF
C1 =17pF
Ch_In
Ch_Out
GND
TPD6F002-Q1
SLLSEK0A – DECEMBER 2014 – REVISED FEBRUARY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The TPD6F002-Q1 is a highly integrated device that provides a six channel EMI filter and a TVS based ESD
protection diode array. The low-pass filter array suppresses EMI/RFI emissions for data ports subject to
electromagnetic interference. The TPD6F002-Q1 is rated to dissipate ESD strikes above the maximum level
specified in the IEC 61000-4-2 international standard. The high level of integration, combined with its small easy-
to-route DSV package, makes this device ideal for protecting interfaces like LCD displays, memory interfaces,
and FPD-Link.
8.2 Functional Block Diagram
8.3 Feature Description
The TPD6F002-Q1 is a highly integrated device that provides a six channel EMI filter and a TVS based ESD
protection diode array. The low-pass filter array suppresses EMI/RFI emissions for data ports subject to
electromagnetic interference. The TVS diode array is rated to dissipate ESD strikes above the maximum level
specified in the IEC 61000-4-2 international standard. The high level of integration, combined with its small easy-
to-route DSV package, allows this device to provide great circuit protection for LCD displays, memory interfaces,
GPIO lines, and FPD-Link.
8.3.1 AEC-Q101 Qualified
This device is qualified to AEC-Q101 standards. It passes HBM H3B (±8 kV) and CDM C5 (±1 kV) ESD ratings
and is qualified to operate from –40°C to 125°C.
8.3.2 Six-Channel EMI Filtering
This device provides six channels for EMI filtering of data lines with the following parameters:
•
–47 dB Crosstalk Attenuation at 100 MHz
•
–30 dB Insertion Loss at 800 MHz
•
–3 dB Bandwidth: 100 MHz
8.3.3 Pi-Style Filter Configuration
This device has a pi-style filtering configuration composed of a series resistor and two capacitors in parallel with
the I/O pins. The typical resistor value is 100
Ω and the typical capacitor values are 17 pF each.
8.3.4 Robust ESD Protection
The ESD protection on all pins exceeds the IEC 61000-4-2 level 4 standard. Contact ESD is rated at ±20 kV and
Air-gap ESD is rated at ±30 kV.
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPD6F002-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com