Electronic Components Datasheet Search
  English  ▼

X  

TPD6F002 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPD6F002
Description  TPD6F002-Q1 Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD6F002 Datasheet(HTML) 1 Page - Texas Instruments

  TPD6F002 Datasheet HTML 1Page - Texas Instruments TPD6F002 Datasheet HTML 2Page - Texas Instruments TPD6F002 Datasheet HTML 3Page - Texas Instruments TPD6F002 Datasheet HTML 4Page - Texas Instruments TPD6F002 Datasheet HTML 5Page - Texas Instruments TPD6F002 Datasheet HTML 6Page - Texas Instruments TPD6F002 Datasheet HTML 7Page - Texas Instruments TPD6F002 Datasheet HTML 8Page - Texas Instruments TPD6F002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Ch_In
Ch_Out
GND
C1 = 17 pF
C2 = 17 pF
100
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPD6F002-Q1
SLLSEK0A – DECEMBER 2014 – REVISED FEBRUARY 2015
TPD6F002-Q1 Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
1 Features
3 Description
The TPD6F002-Q1 is a highly integrated device that
1
•
AEC-Q101 Qualified
provides a six channel Electromagnetic Interference
•
Six-Channel EMI Filtering for Data Ports
(EMI) filter and a TVS based ESD protection diode
–
–47 dB Crosstalk Attenuation at 100 MHz
array. The low-pass filter array suppresses EMI/RFI
emissions for data ports subject to electromagnetic
–
–30 dB Insertion Loss at 800 MHz
interference. The TVS diode array is rated to
–
–3 dB Bandwidth 100 MHz
dissipate ESD strikes above the maximum level
•
Pi-Style (C-R-C) Filter Configuration
specified in the IEC 61000-4-2 international standard.
(R = 100
Ω, CTOTAL = 34 pF)
The high level of integration, combined with its small
easy-to-route DSV package, allows this device to
•
Robust ESD Protection Exceeds IEC 61000-4-2
provide great circuit protection for LCD displays,
(Level 4)
memory interfaces, GPIO lines, and FPD-Link.
–
±20-kV IEC 61000-4-2 Contact Discharge
–
±30-kV IEC 61000-4-2 Air-Gap Discharge
Device Information(1)
•
Low Leakage Current 20 nA (Max)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPD6F002-Q1
SON (12)
3.00 mm × 1.35 mm
•
Space-Saving SON Package (3 mm × 1.35 mm)
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the datasheet.
•
LCD Display Interface
•
GPIO
•
Memory Interface
•
Data Lines at Flex Cable
•
FPD-Link
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPD6F002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD6F002 TI-TPD6F002 Datasheet
390Kb / 12P
SIX-CHANNEL EMI FILTER FOR LCD DISPLAY/KEYPAD APPLICATION
TPD6F002 TI1-TPD6F002 Datasheet
929Kb / 19P
Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
TPD6F002 TI2-TPD6F002 Datasheet
982Kb / 18P
TPD6F002 Six-Channel EMI Filter for LCD Display and FPD-Link
REVISED MAY 2016
TPD6F002-Q1 TI1-TPD6F002-Q1 Datasheet
929Kb / 19P
Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
TPD6F002-Q1 TI2-TPD6F002-Q1 Datasheet
982Kb / 18P
TPD6F002 Six-Channel EMI Filter for LCD Display and FPD-Link
REVISED MAY 2016
More results

Similar Description - TPD6F002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-LCD02F3 STMICROELECTRONICS-EMIF10-LCD02F3 Datasheet
140Kb / 8P
10 line EMI filter and ESD protection for LCD and cameras
11-Jul-2005
EMIF07-LCD02F3 STMICROELECTRONICS-EMIF07-LCD02F3 Datasheet
287Kb / 8P
7-line IPAD?? EMI filter and ESD protection for LCD and cameras
28-Apr-2008
EMIF10-LCD02F3 STMICROELECTRONICS-EMIF10-LCD02F3_08 Datasheet
168Kb / 8P
10-line IPAD, EMI filter and ESD protection for LCD and cameras
28-Apr-2008
logo
ON Semiconductor
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1442-06LP ONSEMI-CM1442-06LP Datasheet
1Mb / 10P
LCD and Camera EMI Filter Array with ESD Protection
March 2010 Rev. 3
CM1450 ONSEMI-CM1450 Datasheet
608Kb / 16P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
STMicroelectronics
EMIF02-MIC07F3 STMICROELECTRONICS-EMIF02-MIC07F3 Datasheet
283Kb / 8P
EMI filter and ESD protection
23-Sep-2011
EMIF07-LCD02F3 STMICROELECTRONICS-EMIF07-LCD02F3_10 Datasheet
273Kb / 8P
7-line IPAD?? EMI filter and ESD protection for LCD and cameras
19-Feb-2010
logo
Texas Instruments
TPD6F002-Q1 TI1-TPD6F002-Q1 Datasheet
929Kb / 19P
Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com