Electronic Components Datasheet Search
  English  ▼

X  

TPD6F002 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPD6F002
Description  TPD6F002-Q1 Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD6F002 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPD6F002 Datasheet HTML 5Page - Texas Instruments TPD6F002 Datasheet HTML 6Page - Texas Instruments TPD6F002 Datasheet HTML 7Page - Texas Instruments TPD6F002 Datasheet HTML 8Page - Texas Instruments TPD6F002 Datasheet HTML 9Page - Texas Instruments TPD6F002 Datasheet HTML 10Page - Texas Instruments TPD6F002 Datasheet HTML 11Page - Texas Instruments TPD6F002 Datasheet HTML 12Page - Texas Instruments TPD6F002 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Frequency (Hz)
100000
1000000
1E+7
1E+8
1E+9
5E+9
5E+9
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D005
TPD6F002-Q1
www.ti.com
SLLSEK0A – DECEMBER 2014 – REVISED FEBRUARY 2015
Typical Application (continued)
9.2.1 Design Requirements
For this design example, three TPD6F002-Q1 devices are being used in an 18-bit display panel application. This
will provide a complete ESD and EMI protection solution for the display connector.
Given the display panel application, the following parameters are known.
DESIGN PARAMETER
VALUE
Signal range on all pins except GND
0 V to 5 V
Operating Frequency
50 MHz
9.2.2 Detailed Design Procedure
To begin the design process, some design parameters must be decided; the designer needs to know the
following:
•
Signal range of all the protected lines
•
Operating frequency
•
Crosstalk response
9.2.2.1 Signal Range on All Protected Lines
The TPD6F002-Q1 has 6 identical protection channels for signal lines. All I/O pins will support a signal range
from 0 to 5.5 V.
9.2.2.2 Operating Frequency
The TPD6F002-Q1 has a 100 MHz –3 dB bandwidth, which supports the operating frequency for this display.
9.2.2.3 Crosstalk Response
The TPD6F002-Q1 has a –47 dB near-side crosstalk attenuation at 100 MHz, sufficient for this display.
9.2.3 Application Curves
Figure 8. Near-Side Crosstalk
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPD6F002-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com