Electronic Components Datasheet Search
  English  ▼

X  

TPL9201 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPL9201
Description  8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL9201 Datasheet(HTML) 4 Page - Texas Instruments

  TPL9201 Datasheet HTML 1Page - Texas Instruments TPL9201 Datasheet HTML 2Page - Texas Instruments TPL9201 Datasheet HTML 3Page - Texas Instruments TPL9201 Datasheet HTML 4Page - Texas Instruments TPL9201 Datasheet HTML 5Page - Texas Instruments TPL9201 Datasheet HTML 6Page - Texas Instruments TPL9201 Datasheet HTML 7Page - Texas Instruments TPL9201 Datasheet HTML 8Page - Texas Instruments TPL9201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
DETAILED DESCRIPTION
TPL9201
8-CHANNEL RELAY DRIVER
WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
SLIS123D – JUNE 2006 – REVISED FEBRUARY 2008
The 5-V regulator is powered from VIN, and the regulated output is within 5 V ± 5% over the operating conditions.
The open-drain power-on reset (RST) pin remains low until the regulator exceeds the set threshold, and the timer
value set by the capacitor on the reset delay (RDELAY) pin expires. If both of these conditions are satisfied, RST is
asserted high. This signifies to the microcontroller that serial communications can be initiated to the TPL9201.
The serial communications is an 8-bit format, with data transfer synchronized using a serial clock from the
microcontroller. A single register controls all the outputs (one bit per output). The default value is zero (OFF). If
an output requires pulse width modulation (PWM) function, the register must be updated at a rate faster than the
desired PWM frequency. OUT1 can be controlled by serial input from the microcontroller or with the dedicated
enable (EN1) pin. If EN1 is pulled low or left open, the serial input through the shift register controls OUT1. If
EN1 is pulled high, OUT1 always is turned on, and the serial input for OUT1 is ignored.
The SYN input translates the image of the mains voltage through the secondary of the transformer. The SYN
input has a resistor to protect from high currents into the IC. The zero-voltage synchronization output translates
the ac-line cycle frequency into a low-frequency clock, which can be used for a timing reference and to help
power loads on the ac-line peak voltage (to reduce in-rush currents).
If RST is asserted, all outputs are turned OFF internally, and the input register is reset to all zeroes. The
microcontroller must write to the register to turn the outputs ON again.
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TPL9201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com