Electronic Components Datasheet Search
  English  ▼

X  

TPL9201 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPL9201
Description  8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL9201 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPL9201 Datasheet HTML 2Page - Texas Instruments TPL9201 Datasheet HTML 3Page - Texas Instruments TPL9201 Datasheet HTML 4Page - Texas Instruments TPL9201 Datasheet HTML 5Page - Texas Instruments TPL9201 Datasheet HTML 6Page - Texas Instruments TPL9201 Datasheet HTML 7Page - Texas Instruments TPL9201 Datasheet HTML 8Page - Texas Instruments TPL9201 Datasheet HTML 9Page - Texas Instruments TPL9201 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
Electrical Characteristics
TPL9201
8-CHANNEL RELAY DRIVER
WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
SLIS123D – JUNE 2006 – REVISED FEBRUARY 2008
TA = –40°C to 125°C, VIN = 7 V to 18 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Supply Voltage and Current
VIN
(2)
Input voltage
7
18
V
Enable = ON, OUT1–OUT8 = Off
3
IVIN
Input supply current
mA
Enable = ON, OUT1–OUT8 = On
5
Logic Inputs (MOSI, NCS, SCLK, and EN1)
VIL
Logic input low level
IIL = 100 µA
0.8
V
VIH
Logic input high level
IIL = 100 µA
2.4
Reset (RST)
VOL
Low-level logic output
IOL = 1.6 mA
0.4
V
VOH
(3)
High-level logic output
5-k
Ω pullup to VCC
VCC – 0.8
V
VH
Disabling reset threshold
5-V regulator ramps up
4.25
4.5
V
VL
Enabling reset threshold
5-V regulator ramps down
3.3
3.75
V
VHYS
Threshold hysteresis
0.12
0.5
V
Reset Delay (RDELAY)
IOUT
Output current
18
28
48
µA
TDW
Reset delay timer
C = 47 nF
3
6
ms
TUP
Reset capacitor to low level
C = 47 nF
45
µs
Output (OUT1–OUT8)
VOL
Output ON
IOUTn = 150 mA
0.4
0.7
V
IOH
Output leakage
VOH = Max of 16.5 V
2
µA
Regulator Output (5VOUT)
I5VOUT = 5 mA to 200 mA, VIN = 7 V to 18 V,
5VOUT
Output supply
4.75
5
5.25
V
C5VOUT = 1 µF
I5VOUT limit
Output short-circuit current
5VOUT = 0 V
200
mA
Thermal Shutdown
TSD
Thermal shutdown
150
°C
THYS
Hysteresis
20
°C
Zero Voltage Synchronization (ZVS)
VSYNTH
Transition threshold
0.4
0.75
1.1
V
ISYN
Input activating current
RZV = 10 kΩ, VSYN = 24 V
2
mA
tD
Transition time
Rising and falling
10
µs
(1)
All typical values are at TA = 25°C.
(2)
There are external high-frequency noise-suppression capacitors and filter capacitors on VIN.
(3)
VCC is the pullup resistor voltage.
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TPL9201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com