Electronic Components Datasheet Search
  English  ▼

X  

TPL9201 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPL9201
Description  8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL9201 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPL9201 Datasheet HTML 7Page - Texas Instruments TPL9201 Datasheet HTML 8Page - Texas Instruments TPL9201 Datasheet HTML 9Page - Texas Instruments TPL9201 Datasheet HTML 10Page - Texas Instruments TPL9201 Datasheet HTML 11Page - Texas Instruments TPL9201 Datasheet HTML 12Page - Texas Instruments TPL9201 Datasheet HTML 13Page - Texas Instruments TPL9201 Datasheet HTML 14Page - Texas Instruments TPL9201 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
PCB Layout
Application Using a Multilayer PCB
PackageThermalPad
SolderPad(LandPattern)
ThermalVias
PackageOutline
PowerPad
PackageSolderPad
PackageSolderPad
(BottomTrace)
ThermalVia
ComponentTraces
ThermalIsolation
PowerPlaneOnly
1.5748mm
0.0 0.071-mmBoardBase
–
andBottomPad
0.5246 0.5606-mm
–
PowerPlane
(1-ozCu)
1.0142 1.0502-mm
–
GroundPlane
(1-ozCu)
1.5038 1.5748-mm
–
ComponentTrace
(2-ozCu)
2Plane
4Plane
Application Using a Single-Layer PCB
TPL9201
8-CHANNEL RELAY DRIVER
WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
SLIS123D – JUNE 2006 – REVISED FEBRUARY 2008
To maximize the efficiency of this package for application on a single-layer or multilayer PCB, certain guidelines
must be followed when laying out this part on the PCB.
The following information is to be used as a guideline only.
For further information, see the PowerPAD concept implementation document.
In a multilayer board application, the thermal vias are the primary method of heat transfer from the package
thermal pad to the internal ground plane (see Figure 4 and Figure 5).
The efficiency of this method depends on several factors: die area, number of thermal vias, thickness of copper,
etc. (see the PowerPAD™ Thermally Enhanced Package Technical Brief, literature number SLMA002).
Figure 4. Package and PCB Land Configuration for a Multilayer PCB
Figure 5. Multilayer Board (Side View)
In a single-layer board application, the thermal pad is attached to a heat spreader (copper area) by using the low
thermal-impedance attachment method (solder paste or thermal-conductive epoxy). With either method, it is
advisable to use as much copper trace area as possible to dissipate the heat.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPL9201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com